Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5128CY-T13 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5128CY-T13
Description  Dual VCOM Amplifier & Gamma Reference Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5128CY-T13 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5128CY-T13 Datasheet HTML 4Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 5Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 6Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 7Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 8Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 9Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 10Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 11Page - Intersil Corporation EL5128CY-T13 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
FN7000.3
May 4, 2007
where:
•TJMAX = Maximum junction temperature
•TAMAX= Maximum ambient temperature
θ
JA = Thermal resistance of the package
•PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage, plus the power in the IC due to the loads, or:
P
DMAX
ΣiV
S
I
SMAX
V
S
(
+ - V
OUTi )
I
LOAD i
×
+
×
[]
×
=
when sourcing, and:
P
DMAX
ΣiV
S
I
SMAX
V
OUT
(
i - V
S- )
I
LOADi
×
+
×
[]
×
=
when sinking.
where:
•VS = Total supply voltage
•ISMAX = Maximum supply current per amplifier
•VOUTi = Maximum output voltage of the application
•ILOADi = Load current
If we set the two PDMAX equations equal to each other, we
can solve for RLOADi to avoid device overheat. Figures 27
and 28 provide a convenient way to see if the device will
overheat. The maximum safe power dissipation can be
found graphically, based on the package type and the
ambient temperature. By using the previous equation, it is a
simple matter to see if PDMAX exceeds the device's power
derating curves. To ensure proper operation, it is important
to observe the recommended derating curves in Figures 27
and 28.
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
486mW
θ
JA =
20
6°C
/W
M
SO
P1
0
0.5
θ
JA =
20
6°C
/W
M
SO
P1
0
FIGURE 27.
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
1
0.9
0.6
0.4
0.3
0.2
0.1
0
0
255075
100
125
AMBIENT TEMPERATURE (°C)
85
870mW
θ
JA =
11
5°C
/W
M
SO
P1
0
0.8
0.5
0.7
PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 28. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Power Supply Bypassing and Printed Circuit
Board Layout
The EL5128 can provide gain at high frequency. As with any
high-frequency device, good printed circuit board layout is
necessary for optimum performance. Ground plane
construction is highly recommended, lead lengths should be
as short as possible and the power supply pins must be well
bypassed to reduce the risk of oscillation. For normal single
supply operation, where the VS- pin is connected to ground,
a 0.1µF ceramic capacitor should be placed from VS+ to pin
to VS- pin. A 4.7µF tantalum capacitor should then be
connected in parallel, placed in the region of the amplifier.
One 4.7µF capacitor may be used for multiple devices. This
same capacitor combination should be placed at each
supply pin to ground if split supplies are to be used.
EL5128


Similar Part No. - EL5128CY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5128CY-T13 INTERSIL-EL5128CY-T13 Datasheet
698Kb / 11P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Renesas Technology Corp
EL5128CY-T13 RENESAS-EL5128CY-T13 Datasheet
646Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
More results

Similar Description - EL5128CY-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5128 RENESAS-EL5128 Datasheet
646Kb / 12P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Intersil Corporation
EL5128 INTERSIL-EL5128 Datasheet
698Kb / 11P
   Dual VCOM Amplifier & Gamma Reference Buffer
logo
Renesas Technology Corp
EL5228 RENESAS-EL5228 Datasheet
131Kb / 3P
   VCOM with Dual Gamma Buffer
March 25, 2004
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
   VCOM with Dual Gamma Buffer
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
[Old version datasheet]   LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
   I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
   12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
   10-Channel Gamma Buffer with VCOM Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com