Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT03C7V5 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # BZT03C7V5
Description  ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BZT03C7V5 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  BZT03C7V5 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BZT03C7V5 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BZT03C7V5 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BZT03C7V5 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Test
Current
IZT
IR@VR
m A
µ A
VV
A
µ A
V
Min
Typ.
Max
Typ
Max
Min
Max
Max
Max
Max
BZT03D6V2
5.6
6.2
6.8
1.0
2.0
100
0
0.07
1500
4.4
9.5
34
3000
4.8
BZT03D6V8
6.1
6.8
7.5
1.0
2.0
100
0
0.07
1000
4.8
10.5
31
2000
5.3
BZT03D7V5
6.75
7.5
8.25
1.0
2.0
100
0
0.07
750
5.3
11.6
26.5
1500
5.9
BZT03D8V2
7.4
8.2
9
1.0
2.0
100
0.03
0.08
600
5.9
12.6
24.4
1200
6.5
BZT03D9V1
8.2
9.1
10
2.0
4.0
50
0.03
0.08
20
6.5
13.7
22.7
50
7.1
BZT03D10
9
10
11
2.0
4.0
50
0.05
0.09
10
7.1
15.2
20.3
20
7.9
BZT03D11
9.9
11
12.1
4.0
7.0
50
0.05
0.10
4.0
7.9
16.2
19.1
5.0
8.6
BZT03D12
10.8
12
13.2
4.0
7.0
50
0.05
0.10
3.0
8.6
17.5
17.7
5.0
9.3
BZT03D13
11.7
13
14.3
5.0
10
50
0.05
0.10
2.0
9.3
19.1
15.9
5.0
10.6
BZT03D15
13.5
15
16.5
5.0
10
50
0.05
0.10
1.0
10.6
21.8
14.4
5.0
11.6
BZT03D16
14.4
16
17.6
6.0
15
25
0.06
0.11
1.0
11.6
23.4
13.1
5.0
12.6
BZT03D18
16.2
18
19.8
6.0
15
25
0.06
0.11
1.0
12.6
26.3
11.7
5.0
14.4
BZT03D20
18.0
20
22.0
6.0
15
25
0.06
0.11
1.0
14.4
29.2
10.6
5.0
15.8
BZT03D22
29.8
22
24.2
6.0
15
25
0.06
0.11
1.0
15.8
31.9
9.7
5.0
17.2
BZT03D24
21.6
24
26.4
7.0
15
25
0.06
0.11
1.0
17.2
34.6
8.9
5.0
19.4
BZT03D27
24.3
27
29.7
7.0
15
25
0.06
0.11
1.0
19.4
39
7.9
5.0
21.5
BZT03D30
27.0
30
33.0
8.0
15
25
0.06
0.11
1.0
21.5
43.5
7.1
5.0
23.5
BZT03D33
29.7
33
36.3
8.0
15
25
0.06
0.11
1.0
23.5
47.5
6.5
5.0
25.8
BZT03D36
32.4
36
39.6
21
40
10
0.06
0.11
1.0
25.8
51.5
6.0
5.0
28
BZT03D39
35.1
39
42.9
21
40
10
0.06
0.11
1.0
28
56
5.5
5.0
31
BZT03D43
38.7
43
47.3
24
45
10
0.07
0.12
1.0
31
62
4.9
5.0
33.5
BZT03D47
42.3
47
51.7
24
45
10
0.07
0.12
1.0
33.5
67.5
4.6
5.0
36.5
BZT03D51
45.9
51
56.1
25
60
10
0.07
0.12
1.0
36.5
73
4.2
5.0
40
BZT03D56
50.4
56
61.6
25
60
10
0.07
0.12
1.0
40
81
3.8
5.0
44.5
BZT03D62
55.8
62
68.2
25
80
10
0.08
0.13
1.0
44.5
89
3.5
5.0
49
BZT03D68
61.2
68
74.8
25
80
10
0.08
0.13
1.0
49
97
3.2
5.0
54
BZT03D75
67.5
75
82.5
30
100
10
0.08
0.13
1.0
54
107
2.9
5.0
59
BZT03D82
73.8
82
90.2
30
100
10
0.08
0.13
1.0
59
117
2.6
5.0
65
BZT03D91
81.9
91
100
60
200
5.0
0.09
0.13
1.0
65
130
2.4
5.0
71
BZT03D100
90
100
110
60
200
5.0
0.09
0.13
1.0
71
143
2.2
5.0
79
BZT03D110
99
110
121
80
250
5.0
0.09
0.13
1.0
79
157
2.0
5.0
86
BZT03D120
108
120
132
80
250
5.0
0.09
0.13
1.0
86
172
1.8
5.0
93
BZT03D130
117
130
143
110
300
5.0
0.09
0.13
1.0
93
187
1.6
5.0
106
BZT03D150
135
150
165
130
300
5.0
0.09
0.13
1.0
106
213
1.5
5.0
116
BZT03D160
144
160
176
150
350
5.0
0.09
0.13
1.0
116
229
1.3
5.0
126
BZT03D180
162
180
198
180
400
5.0
0.09
0.13
1.0
126
256
1.2
5.0
144
BZT03D200
180
200
220
200
500
5.0
0.09
0.13
1.0
144
284
1.1
5.0
158
BZT03D220
198
220
242
350
750
2.0
0.09
0.13
1.0
158
314
1.0
5.0
172
BZT03D240
216
240
264
400
850
2.0
0.09
0.13
1.0
172
364
0.9
5.0
194
BZT03D270
243
270
297
450
1000
2.0
0.09
0.13
1.0
194
388
0.8
5.0
215
(1)10/1000 exp.falling pulse tp=1000µs down to 50%
(2)Stand-off voltage=recommended suplly voltage.
Dynamic
Resistance
%/K
Stand-off
V(CL)R
1)
@ IRMS
IR@VR
2)
Temperature
Coefficient
of Zener Voltage
αVZ@IZT
Zener Voltage
Range
(2)
Type
VZ@IZT
V
Reverse
Leakage
Current
Clamping
rzj@IZT,
f=1kHZ
BLGALAXYELECTRICAL
www.galaxycn.com
Document Number 0284017
3.


Similar Part No. - BZT03C7V5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03C7V5 VISHAY-BZT03C7V5 Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZT03C7V5 NJSEMI-BZT03C7V5 Datasheet
268Kb / 3P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZT03C7V5 VISHAY-BZT03C7V5 Datasheet
261Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03C7V5 VISHAY-BZT03C7V5 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
logo
SEMTECH ELECTRONICS LTD...
BZT03C7V5 SEMTECH_ELEC-BZT03C7V5 Datasheet
259Kb / 4P
   SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - BZT03C7V5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com