Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG413DJZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # DG413DJZ
Description  Monolithic Quad SPST, CMOS Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG413DJZ Datasheet(HTML) 1 Page - Intersil Corporation

  DG413DJZ Datasheet HTML 1Page - Intersil Corporation DG413DJZ Datasheet HTML 2Page - Intersil Corporation DG413DJZ Datasheet HTML 3Page - Intersil Corporation DG413DJZ Datasheet HTML 4Page - Intersil Corporation DG413DJZ Datasheet HTML 5Page - Intersil Corporation DG413DJZ Datasheet HTML 6Page - Intersil Corporation DG413DJZ Datasheet HTML 7Page - Intersil Corporation DG413DJZ Datasheet HTML 8Page - Intersil Corporation DG413DJZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN3282.13
DG411, DG412, DG413
Monolithic Quad SPST, CMOS Analog
Switches
The DG411 series monolithic CMOS analog switches are
drop-in replacements for the popular DG211 and DG212
series devices. They include four independent single pole
throw (SPST) analog switches, and TTL and CMOS
compatible digital inputs.
These switches feature lower analog ON-resistance (<35
Ω)
and faster switch time (tON<175ns) compared to the DG211
or DG212. Charge injection has been reduced, simplifying
sample and hold applications.
The improvements in the DG411 series are made possible
by using a high voltage silicon-gate process. An epitaxial
layer prevents the latch-up associated with older CMOS
technologies. The 44V maximum voltage range permits
controlling 40VP-P signals. Power supplies may be
single-ended from +5V to 44V, or split from ±5V to ±20V.
The four switches are bilateral, equally matched for AC or
bidirectional signals. The ON-resistance variation with analog
signals is quite low over a ±15V analog input range. The
switches in the DG411 and DG412 are identical, differing only
in the polarity of the selection logic. Two of the switches in the
DG413 (#2 and #3) use the logic of the DG211 and DG411
(i.e., a logic “0” turns the switch ON) and the other two
switches use DG212 and DG412 positive logic. This permits
independent control of turn-on and turn-off times for SPDT
configurations, permitting “break-before-make” or “make-
before-break” operation with a minimum of external logic.
Features
• ON-Resistance (Max). . . . . . . . . . . . . . . . . . . . . . . . . 35
Ω
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . . . <35µW
• Fast Switching Action
-tON (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175ns
-tOFF (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 145ns
• Low Charge Injection
• Upgrade from DG211, DG212
• TTL, CMOS Compatible
• Single or Split Supply Operation
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Audio Switching
• Battery Operated Systems
• Data Acquisition
• Hi-Rel Systems
• Sample and Hold Circuits
• Communication Systems
• Automatic Test Equipment
Data Sheet
June 20, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1993, 1994, 1997, 1999, 2002, 2004-2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - DG413DJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG413DJZ INTERSIL-DG413DJZ Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG413DJZ INTERSIL-DG413DJZ Datasheet
359Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
More results

Similar Description - DG413DJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com