Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1516AIY-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL1516AIY-T7
Description  Dual Ultra Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1516AIY-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL1516AIY-T7 Datasheet HTML 5Page - Intersil Corporation EL1516AIY-T7 Datasheet HTML 6Page - Intersil Corporation EL1516AIY-T7 Datasheet HTML 7Page - Intersil Corporation EL1516AIY-T7 Datasheet HTML 8Page - Intersil Corporation EL1516AIY-T7 Datasheet HTML 9Page - Intersil Corporation EL1516AIY-T7 Datasheet HTML 10Page - Intersil Corporation EL1516AIY-T7 Datasheet HTML 11Page - Intersil Corporation EL1516AIY-T7 Datasheet HTML 12Page - Intersil Corporation EL1516AIY-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN7328.2
May 3, 2007
FIGURE 21. THD + NOISE vs FREQUENCY
FIGURE 22. HARMONIC DISTORTION vs FREQUENCY
FIGURE 23. THD vs OUTPUT VOLTAGE
FIGURE 24. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 25. 3dB BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 26. CHANNEL-TO-CHANNEL ISOLATION vs
FREQUENCY
Typical Performance Curves (Continued)
10k
200k
100k
-70
-75
-80
-90
-100
-105
FREQUENCY (Hz)
-85
-95
VO = 2VPP
VS = ±6V
RF = RG = 620Ω
RL = 500Ω
500k
20M
1M
10M
-20
-30
-40
-60
-90
-100
FUNDAMENTAL FREQUENCY (Hz)
-50
-70
VS = ±2.5V
AV = +2
RF = RG = 619Ω
RL = 100Ω
VOUT = 2VP-P
-80
THD
2ND HD
3RD HD
VS = ±2.5V
AV = +2
RF = RG = 619Ω
RL = 500Ω
0.2
3.2
0.7
-30
-50
-100
OUTPUT VOLTAGE (VP-P)
2.7
-90
-70
-80
1.7
THD-FIN = 10MHz
-40
-60
1.2
2.2
THD-FIN = 1MHz
06
2
12
10
0
SUPPLY VOLTAGE (±V)
4
6
2
135
8
4
AV = +2
AV = -1
AV = -2
AV = -5
AV = +5
26
4
250
200
0
SUPPLY VOLTAGE (±V)
100
35
150
50
AV = -10
AV = +10
100k
1G
1M
-10
-30
-110
FREQUENCY (Hz)
10M
-90
VS = ±6V
AV = +2
RF = 620Ω
RL = 500Ω
-50
-70
BaaaA
100M
AaaaB
EL1516, EL1516A


Similar Part No. - EL1516AIY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516AIY-T7 INTERSIL-EL1516AIY-T7 Datasheet
596Kb / 16P
   Dual Ultra Low Noise Amplifier
EL1516AIY-T7 INTERSIL-EL1516AIY-T7 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516AIY-T7 RENESAS-EL1516AIY-T7 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
More results

Similar Description - EL1516AIY-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516 INTERSIL-EL1516 Datasheet
596Kb / 16P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com