Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL1516AIYZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL1516AIYZ
Description  Dual Ultra Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL1516AIYZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL1516AIYZ Datasheet HTML 4Page - Intersil Corporation EL1516AIYZ Datasheet HTML 5Page - Intersil Corporation EL1516AIYZ Datasheet HTML 6Page - Intersil Corporation EL1516AIYZ Datasheet HTML 7Page - Intersil Corporation EL1516AIYZ Datasheet HTML 8Page - Intersil Corporation EL1516AIYZ Datasheet HTML 9Page - Intersil Corporation EL1516AIYZ Datasheet HTML 10Page - Intersil Corporation EL1516AIYZ Datasheet HTML 11Page - Intersil Corporation EL1516AIYZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
FN7328.2
May 3, 2007
FIGURE 15. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RF
FIGURE 16. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS AV
FIGURE 17. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS CL
FIGURE 18. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS RL
FIGURE 19. NON-INVERTING FREQUENCY RESPONSE FOR
VARIOUS INPUT SIGNAL LEVELS
FIGURE 20. 1MHz 2ND AND 3RD HARMONIC DISTORTION vs
OUTPUT SWING
Typical Performance Curves (Continued)
VS = ±2.5V
AV = +2
RL = 500Ω
100k
1G
1M
5
3
-5
FREQUENCY (Hz)
100M
-3
1
-1
10M
RL = 1kΩ
RF = 100Ω
RF = 348Ω
RF = 619Ω
VS = ±2.5V
RF = 348Ω
RL = 500Ω
100k
1G
1M
5
3
-5
FREQUENCY (Hz)
100M
-3
1
-1
10M
AV = +2
AV = +10
AV = +5
VS = ±2.5V
AV = +2
RF = 619Ω
RL = 500Ω
100k
1G
1M
5
3
-5
FREQUENCY (Hz)
100M
-3
1
-1
10M
CL = 27pF
CL = 0pF
CL = 3.3pF
CL = 10pF
CL = 18pF
VS = ±2.5V
AV = +2
RL = 619Ω
100k
1G
1M
5
3
-5
FREQUENCY (Hz)
100M
-3
1
-1
10M
RL = 50Ω
RF = 100Ω
RF = 500Ω
VS = ±2.55V
RF = 348Ω
RL = 500Ω
100k
1G
1M
5
3
-5
FREQUENCY (Hz)
100M
-3
1
-1
10M
VIN = 1VP-P
VIN = 20mVP-P
VIN = 500mVP-P
VIN = 200mVP-P
VIN = 100mVP-P
010
6
28
-30
-40
-50
-70
-90
-100
OUTPUT SWING (VPP)
4
-60
-80
VS = ±6V
RF = RG = 619Ω
RL = 100Ω
2ND HD
3RD HD
EL1516, EL1516A


Similar Part No. - EL1516AIYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516AIYZ INTERSIL-EL1516AIYZ Datasheet
596Kb / 16P
   Dual Ultra Low Noise Amplifier
EL1516AIYZ INTERSIL-EL1516AIYZ Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516AIYZ RENESAS-EL1516AIYZ Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Intersil Corporation
EL1516AIYZ-T13 INTERSIL-EL1516AIYZ-T13 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516AIYZ-T13 RENESAS-EL1516AIYZ-T13 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
More results

Similar Description - EL1516AIYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1516 INTERSIL-EL1516_06 Datasheet
372Kb / 17P
   Dual Ultra Low Noise Amplifier
EL1516 INTERSIL-EL1516 Datasheet
596Kb / 16P
   Dual Ultra Low Noise Amplifier
logo
Renesas Technology Corp
EL1516 RENESAS-EL1516 Datasheet
972Kb / 17P
   Dual Ultra Low Noise Amplifier
logo
New Japan Radio
NJM2122 NJRC-NJM2122 Datasheet
271Kb / 6P
   ULTRA LOW NOISE DUAL OPERATIONAL AMPLIFIER
logo
NEC
UPC4570 NEC-UPC4570 Datasheet
342Kb / 12P
   DUAL ULTRA LOW-NOISE,WIDEBAND,OPERATIONAL AMPLIFIER
logo
Exar Corporation
CLC1002 EXAR-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1002 CADEKA-CLC1002 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Exar Corporation
CLC1001 EXAR-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
Cadeka Microcircuits LL...
CLC1001 CADEKA-CLC1001 Datasheet
1Mb / 17P
   Ultra-Low Noise Amplifier
logo
National Semiconductor ...
LMH6624 NSC-LMH6624_05 Datasheet
1Mb / 19P
   Single/Dual Ultra Low Noise Wideband Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com