Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG80C286-20 Datasheet(PDF) 10 Page - Intersil Corporation

Part # CG80C286-20
Description  High Performance Microprocessor with Memory Management and Protection
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CG80C286-20 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CG80C286-20 Datasheet HTML 6Page - Intersil Corporation CG80C286-20 Datasheet HTML 7Page - Intersil Corporation CG80C286-20 Datasheet HTML 8Page - Intersil Corporation CG80C286-20 Datasheet HTML 9Page - Intersil Corporation CG80C286-20 Datasheet HTML 10Page - Intersil Corporation CG80C286-20 Datasheet HTML 11Page - Intersil Corporation CG80C286-20 Datasheet HTML 12Page - Intersil Corporation CG80C286-20 Datasheet HTML 13Page - Intersil Corporation CG80C286-20 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
10
TABLE 2D. SHIFT/ROTATE LOGICAL INSTRUCTIONS
LOGICALS
NOT
“Not” byte or word
AND
“And” byte or word
OR
“Inclusive or” byte or word
XOR
“Exclusive or” byte or word
TEST
“Test” byte or word
SHIFTS
SHL/SAL
Shift logical/arithmetic left byte or word
SHR
Shift logical right byte or word
SAR
Shift arithmetic right byte or word
ROTATES
ROL
Rotate left byte or word
ROR
Rotate right byte or word
RCL
Rotate through carry left byte or word
RCR
Rotate through carry right byte or word
TABLE 2E. HIGH LEVEL INSTRUCTIONS
ENTER
Format stack for procedure entry
LEAVE
Restore stack for procedure exit
BOUND
Detects values outside prescribed range
TABLE 2F. PROCESSOR CONTROL INSTRUCTIONS
FLAG OPERATIONS
STC
Set carry flag
CLC
Clear carry flag
CMC
Complement carry flag
STD
Set direction flag
CLD
Clear direction flag
STl
Set interrupt enable flag
CLl
Clear interrupt enable flag
EXTERNAL SYNCHRONIZATION
HLT
Halt until interrupt or reset
WAIT
Wait for TEST pin active
ESC
Escape to extension processor
LOCK
Lock bus during next instruction
NO OPERATION
NOP
No operation
EXECUTION ENVIRONMENT CONTROL
LMSW
Load machine status word
SMSW
Store machine status word
TABLE 2G. PROGRAM TRANSFER INSTRUCTIONS
CONDITIONAL TRANSFERS
UNCONDITIONAL TRANSFERS
JA/JNBE
Jump if above/not below nor equal
CALL
Call procedure
JAE/JNB
Jump if above or equal/not below
RET
Return from procedure
JB/JNAE
Jump if below/not above nor equal
JMP
Jump
JBE/JNA
Jump if below or equal/not above
JC
Jump if carry
ITERATION CONTROLS
JE/JZ
Jump if equal/zero
LOOP
Loop
JG/JNLE
Jump if greater/not less nor equal
JGE/JNL
Jump if greater or equal/not less
LOOPE/LOOPZ
Loop if equal/zero
JL/JNGE
Jump if less/not greater nor equal
LOOPNE/LOOPNZ
Loop if not equal/not zero
JLE/JNG
Jump if less or equal/not greater
JCXZ
Jump if register CX = 0
JNC
Jump if not carry
JNE/JNZ
Jump if not equal/not zero
INTERRUPTS
JNO
Jump if not overflow
INT
Interrupt
JNP/JPO
Jump if not parity/parity odd
JNS
Jump if not sign
INTO
Interrupt if overflow
JO
Jump if overflow
lRET
Interrupt return
JP/JPE
Jump if parity/parity even
JS
Jump if sign
80C286


Similar Part No. - CG80C286-20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CG80C286-20 INTERSIL-CG80C286-20 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
CG80C286-20 INTERSIL-CG80C286-20 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
CG80C286-20 INTERSIL-CG80C286-20 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results

Similar Description - CG80C286-20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
   HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com