Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP7.0A Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # 5KP7.0A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

5KP7.0A Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  5KP7.0A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 5KP7.0A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 5KP7.0A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 5KP7.0A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MIN
MAX
5KP43
47.8
58.4
5.0
43.0
10.0
65.2
76.7
0.105
5KP43A
47.8
52.8
5.0
43.0
10.0
72.0
69.4
0.105
5KP45
50.0
61.1
5.0
45.0
10.0
62.3
80.3
0.106
5KP45A
50.0
55.3
5.0
45.0
10.0
68.8
72.7
0.106
5KP48
53.3
65.2
5.0
48.0
10.0
58.5
85.5
0.106
5KP48A
53.3
58.9
5.0
48.0
10.0
64.6
77.4
0.106
5KP51
56.1
69.3
5.0
51.0
10.0
54.9
91.1
0.107
5KP51A
56.7
62.7
5.0
51.0
10.0
60.7
82.4
0.107
5KP54
60.0
73.3
5.0
54.0
10.0
51.9
96.3
0.107
5KP54A
60.0
66.3
5.0
54.0
10.0
57.4
87.1
0.107
5KP58
64.4
78.7
5.0
58.0
10.0
48.5
103
0.107
5KP58A
64.4
71.2
5.0
58.0
10.0
53.4
94
0.107
5KP60
66.7
81.5
5.0
60.0
10.0
46.7
107
0.108
5KP60A
66.7
73.7
5.0
60.0
10.0
51.7
97
0.108
5KP64
71.1
96.9
5.0
64.0
10.0
43.9
114
0.108
5KP64A
71.1
78.6
5.0
64.0
10.0
48.5
103
0.108
5KP70
77.6
95.1
5.0
70.0
10.0
40.0
125
0.108
5KP70A
77.6
86.0
5.0
70.0
10.0
44.2
113
0.108
5KP75
83.3
102
5.0
75.0
10.0
37.3
134
0.108
5KP75A
83.3
92.1
5.0
75.0
10.0
41.3
121
0.108
5KP78
86.7
106.0
5.0
78.0
10.0
36.0
139
0.108
5KP78A
86.7
95.8
5.0
78.0
10.0
39.7
126
0.108
5KP85
94.4
115
5.0
85.0
10.0
33.1
151
0.108
5KP85A
94.4
104
5.0
85.0
10.0
36.5
137
0.108
5KP90
100
122
5.0
90.0
10.0
31.3
160
0.110
5KP90A
100
111
5.0
90.0
10.0
34.2
146
0.110
5KP100
111
136
5.0
100
10.0
27.9
179
0.110
5KP100A
111
123
5.0
100
10.0
30.9
162
0.110
5KP110
122
149
5.0
110
10.0
25.5
196
0.112
5KP110A
122
135
5.0
110
10.0
28.2
177
0.112
5KP120
133
161
5.0
120
10.0
23.6
212
0.112
5KP120A
133
147
5.0
120
10.0
26.0
193
0.112
5KP130
144
174
5.0
130
10.0
21.7
231
0.114
5KP130A
144
159
5.0
130
10.0
24.0
209
0.114
5KP150
167
203
5.0
150
10.0
18.6
269
0.114
5KP150A
167
185
5.0
150
10.0
20.6
243
0.114
5KP160
178
216
5.0
160
10.0
17.5
285
0.118
5KP160A
178
197
5.0
160
10.0
19.3
259
0.118
5KP170
189
229
5.0
170
10.0
16.5
303
0.118
5KP170A
189
209
5.0
170
10.0
18.2
275
0.118
5KP180
200
242
5.0
180
10.0
16.1
319
0.122
5KP180A
200
221
5.0
180
10.0
17.6
292
0.122
5KP190
211
255
5.0
190
10.0
8.8
341
0.126
5KP190A
211
233
5.0
190
10.0
9.7
310
0.126
5KP200
222
270
5.0
200
10.0
8.2
365.3
0.130
5KP200A
222
246
5.0
200
10.0
9.1
329.2
0.130
5KP210
233
283
5.0
210
10.0
7.7
390.0
0.134
5KP210A
233
258
5.0
210
10.0
8.6
349.5
0.134
5KP220
244
296
5.0
220
10.0
7.3
411.7
0.138
5KP220A
244
270
5.0
220
10.0
8.1
371.1
0.138
Stand-off
Voltage
VWM
(V)
Maximum
Reverse
Leakge
at VWM ID
(µA)
Maximum
Pead Pulse
IPPM
(A)
Maximum
Clamping
Voltage at
IPPM
VC(V)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
ELECTRICAL CHARACTERISTICS at(TA=25℃ unless otherwise noted) TABLE 1(Cont' d)
Device Type
Breakdown Voltage
V(BR)
(V)
Test
Current
at IT
(mA)
Document Number 0285004
3.
www.galaxycn.com
BLGALAXYELECTRICAL


Similar Part No. - 5KP7.0A

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP7.0A SURGE-5KP7.0A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Shanghai Semitech Semic...
5KP7.0A SEMITECH-5KP7.0A Datasheet
508Kb / 4P
   Low profile package
logo
Ruilongyuan Electronics...
5KP7.0A RUILON-5KP7.0A Datasheet
771Kb / 7P
   Transient Voltage Suppressors
logo
First Components Intern...
5KP7.0A FCI-5KP7.0A Datasheet
187Kb / 4P
   5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
5KP7.0A LUGUANG-5KP7.0A Datasheet
929Kb / 4P
   Axial Lead Transient Voltage Suppressors
More results

Similar Description - 5KP7.0A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com