Selected language     English  ▼


SMAJ7.0 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part No. SMAJ7.0
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BILIN [Galaxy Semi-Conductor Holdings Limited]
Homepage  http://www.galaxycn.com
Logo 

   
 1 page
background image
GALAXY ELECTRICAL
FEATURES
Plastic package
has underwriters laboratory
flammability classification 94V-0
Optimized for LAN protection applications
Low profile package with built-in strain relief for
surface mounted applications
Glass passivated junction
Low incremental surge resistance, excellent clamping
capability
400W peak pulse power capability with a 10/1000µs wave-
form, repetition rate (duty cycle): 0.01% (300W above 78V)
Very fast response time
High temperature soldering guaranteed: 250°C/10
seconds at terminals
MECHANICAL DATA
Case:JEDEC DO-214AC molded plastic over passivated
chip
Terminals:
solder plated, solderable per MIL-STD-750,
method 2026
Polarity:
foruni-directional types the color band denotes
the cathode, which is postitive with respect to the
anode under normal TVS operation
Mounting position:
any Weight: 0.002 ounces, 0.064 grams
Devices for Bidirectional Applications
For bi-directional devices, use suffix C or CA (e.g. SMAJ10C, SMAJ10CA). Electrical characteristics apply in both directions.
Operating junction and storage temperature range
TJ, TSTG
-55---+150
(3) Mounted on minimum recommended pad layout.
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pads to each terminal.
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25
per Fig. 2. Rating is 300W above 78V.
Typical thermal resistance, junction to ambient (NOTE 3)
RθJA
120.0
/W
A
/W
RθJL
Peak forw ard surge current, 8.3ms single half sine-w ave
ffff uni-directional only (NOTE 2)
Typical thermal resistance, junction to ambient (NOTE 3)
IFSM
40.0
30
Peak pulse current w ith a 10/1000μs w aveform (NOTE 1)
IPPM
See
next table
A
Peak pow er dissipation w ith a 10/1000μs w aveform (NOTE 1,2, FIG.1)
PPPM
Minimum 400
W
SMAJ5.0---SMAJ188CA
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE: 5.0 --- 188 V
PEAK PULSE POWER: 400 W
DO-214AC(SMA)
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
UNIT
VALUE
SYMBOL
BLGALAXYELECTRICAL
Document Number 0285005
1.
www.galaxycn.com
BL




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MA3075WALT1_05Zener Transient Voltage Suppressor SOT−23 Dual Common Anode Zeners for ESD Protection 1 2 3 4 ON Semiconductor
1.5KE6V8A_11500W TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
P4KE400W Transient Voltage Suppressor 1 2 3 4 Comchip Technology
P4SMAJ_06400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
SMBJ5.0Surface Mount Transient Voltage Suppressor 1 2 3 4 Taiwan Semiconductor Company, Ltd
TGL41-6Surface mount diode Unidirectional and bidirectional Transient Voltage Suppressor diodes 1 2 3 Semikron International
1.5SMCJSURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Pan Jit International Inc.
V18AUMLA1206_06Multilayer Transient Voltage Surge Suppressor 1 2 3 4 5 MoreLittelfuse
5KPTRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Galaxy Semi-Conductor Holdings Limited
1SMF16BT1Zener Transient Voltage Suppressor SOD-123 Flat Lead Package 1 2 3 4 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl