Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5100IW-T7A Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5100IW-T7A
Description  200MHz Slew Enhanced VFA
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5100IW-T7A Datasheet(HTML) 5 Page - Intersil Corporation

  EL5100IW-T7A Datasheet HTML 1Page - Intersil Corporation EL5100IW-T7A Datasheet HTML 2Page - Intersil Corporation EL5100IW-T7A Datasheet HTML 3Page - Intersil Corporation EL5100IW-T7A Datasheet HTML 4Page - Intersil Corporation EL5100IW-T7A Datasheet HTML 5Page - Intersil Corporation EL5100IW-T7A Datasheet HTML 6Page - Intersil Corporation EL5100IW-T7A Datasheet HTML 7Page - Intersil Corporation EL5100IW-T7A Datasheet HTML 8Page - Intersil Corporation EL5100IW-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN7330.3
May 3, 2007
Closed Loop AC Electrical SpecificationsVS = ±5V, TA = 25°C, VENABLE = 0V, AV = +1, RF = 0Ω, RL = 150Ω to GND, unless
otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth (VOUT = 200mVP-P)VS = ±5V, AV = 1, RF = 0Ω
150
200
MHz
SR
Slew Rate
RL = 100Ω, VOUT = -3V to +3V, AV = +2
1500
2200
4500
V/µs
tR,tF
Rise Time, Fall Time
±0.1V step
2.8
ns
OS
Overshoot
±0.1V step
10
%
tPD
Propagation Delay
±0.1V step
3.2
ns
tS
0.1% Settling Time
VS = ±5V, RL = 500Ω, AV = 1, VOUT = ±2.5V
20
ns
dG
Differential Gain
AV = 2, RL = 150Ω, VINDC = -1 to +1V
0.08
%
dP
Differential Phase
AV = 2, RL = 150Ω, VINDC = -1 to +1V
0.1
°
eN
Input Noise Voltage
f = 10kHz
10
nV/
√Hz
iN
Input Noise Current
f = 10kHz
7
pA/
√Hz
tDIS
Disable Time
180
ns
tEN
Enable Time
650
ns
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 2. GAIN vs FREQUENCY FOR VARIOUS CL
FIGURE 3. GAIN vs FREQUENCY FOR VARIOUS CIN-
FIGURE 4. GAIN vs FREQUENCY FOR VARIOUS CIN-
5
3
1
-1
-3
-5
100K
1M
100M
1G
FREQUENCY (Hz)
10M
4
2
0
-2
-4
AV=+1
RL=50Ω
SUPPLY=±5.0V
±1.75
±2.0
±3.0
±4.0
±5.0
5
3
1
-1
-3
-5
100K
1M
100M
1G
FREQUENCY (Hz)
10M
4
2
0
-2
-4
AV=+1
RL=500Ω
CIN-=0pF
SUPPLY=±5.0V
8.8pF
6.6pF
4.4pF
2.2pF
0pF
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
600M
FREQUENCY (Hz)
100M
AV=+2
RL=150Ω
CL=2.2pF
RF=383Ω
17.1pF
11.5pF
5.8pF
2.2pF
-5
4
2
0
-2
-4
5
3
1
-1
-3
100K
1M
10M
600M
FREQUENCY (Hz)
100M
AV=+2
RF=RG=383Ω
CL=2.2pF
RL=150Ω
4.4pF
6.6pF
-5
2.2pF
0pF
EL5100, EL5101, EL5300


Similar Part No. - EL5100IW-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100IW-T7A INTERSIL-EL5100IW-T7A Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5100IW-T7A INTERSIL-EL5100IW-T7A Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100IW-T7A RENESAS-EL5100IW-T7A Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
More results

Similar Description - EL5100IW-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com