Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP45116AVC-52 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HSP45116AVC-52
Description  Numerically Controlled Oscillator/Modulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP45116AVC-52 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HSP45116AVC-52 Datasheet HTML 6Page - Intersil Corporation HSP45116AVC-52 Datasheet HTML 7Page - Intersil Corporation HSP45116AVC-52 Datasheet HTML 8Page - Intersil Corporation HSP45116AVC-52 Datasheet HTML 9Page - Intersil Corporation HSP45116AVC-52 Datasheet HTML 10Page - Intersil Corporation HSP45116AVC-52 Datasheet HTML 11Page - Intersil Corporation HSP45116AVC-52 Datasheet HTML 12Page - Intersil Corporation HSP45116AVC-52 Datasheet HTML 13Page - Intersil Corporation HSP45116AVC-52 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FN4156.4
May 7, 2007
The Phase Accumulator consists of registers and adders
that compute the value of the current phase at every clock. It
has three inputs: Center Frequency, which corresponds to
the carrier frequency of a signal; Offset Frequency, which is
the deviation from the Center Frequency; and Phase, which
is a 16-bit number that is added to the current phase for PSK
modulation schemes. These three values are used by the
Phase Accumulator and Phase Adder to form the phase of
the internally generated sine and cosine.
The sum of the values in Center and Offset Frequency
Registers corresponds to the desired phase increment
(modulo 232) from one clock to the next. For example,
loading both registers with zero will cause the Phase
Accumulator to add zero to its current output; the output of
the PFCS will remain at its current value; i.e., the output of
the NCOM will be a DC signal. If a hexadecimal 00000001 is
loaded into the Center Frequency Control Register, the
output of the PFCS will increment by one after every clock.
This will step through every location in the Sine/Cosine
Generator, so that the output will be the lowest frequency
above DC that can be generated by the NCOM, i.e., the
clock frequency divided by 232. If the input to the Center
Frequency Control Register is hex 80000000, the PFCS will
step through the Generator with half of the maximum step
size, so that frequency of the output waveform will be half of
the sample rate.
The operation of the Offset Frequency Control Register is
identical to that of the Center Frequency Control Register;
having two separate registers allows the user to generate an
FM signal by loading the carrier frequency in the Center
Frequency Control Register and updating the Offset
Frequency Control Register with the value of the frequency
offset - the difference between the carrier frequency and the
frequency of the output signal. A logic low on CLROFR
disables the output of the Offset Frequency Register without
clearing the contents of the register.
TABLE 2. MOD0-1 DECODE
MOD1
MOD0
PHASE SHIFT (DEGREES)
0
0
0
0
1
90
1
0
270
1
1
180
Initializing the Phase Accumulator Register is done by putting
a low on the LOAD line. This zeroes the feedback path to the
accumulator, so that the register is loaded with the current
value of the phase increment summer on the next clock.
The final phase value going to the Generator can be
adjusted using MODPI/2PI to force the range of the phase to
be 0o to 180o (modulo
π) or 0o to 360o (modulo 2π). Modulo
2
π is the mode used for modulation, demodulation, direct
digital synthesis, etc. Modulo
π is used to calculate FFTs.
This is explained in greater detail in the Applications Section.
The Phase Register adds an offset to the output of the
Phase Accumulator. Since the Phase Register is only 16
bits, it is added to the top 16 bits of the Phase Accumulator.
The Time Accumulator consists of a register which is
incremented on every clock. The amount by which it
increments is loaded into the Input Registers and is latched
into the Time Accumulator Register on rising edges of CLK
while ENTIREG is low. The output of the Time Accumulator
is the accumulator carry out, TICO. TICO can be used as a
timer to enable the periodic sampling of the output of the
NCOM. The number programmed into this register equals
232 x CLK period/desired time interval. TICO is disabled and
its phase is initialized by zeroing the feedback path of the
accumulator with RBYTILD.
Sine/Cosine Section
The Sine/Cosine Section (Figure 2) converts the output of
the PFCS into the appropriate values for the sine and
cosine. It takes the most significant 20 bits of the PFCS
output and passes them through a look up table to form the
16-bit sine and cosine inputs to the CMAC.
CLK
SINE/COSINE
GENERATOR
20
32
32
REG
CLK
R.RBYTILD
MUX
COS
16
SIN
16
16
16
16
16
FIGURE 2. SINE/COSINE SECTION
The 20-bit word maps into 2
π radians so that the angular
resolution is 2
π/220. An address of zero corresponds to
0 radians and an address of hex FFFFF corresponds to
2
π- (2π/220) radians. The outputs of the Generator Section
are 2’s complement sine and cosine values. The sine and
cosine outputs range from hexadecimal 8001, which
represents negative full scale to 7FFF, which represents
positive full scale. Note that the normal range for two’s
complement numbers is 8000 to 7FFF; the output range of
the SIN/COS generator is scaled by one so that it is
symmetric about 0.
The sine and cosine values are computed to reduce the
amount of ROM needed. The magnitude of the error in the
computed value of the complex vector is less than -90.2dB.
The error in the sine or cosine alone is approximately
2dB better.
If RBYTILD is low, the output of the PFCS goes directly to
the inputs of the CMAC. If the real and imaginary inputs of
the CMAC are programmed to hex 7FFF and 0 respectively,
then the output of the PFCS will appear on output bits 0
HSP45116A


Similar Part No. - HSP45116AVC-52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45116AVC-52 INTERSIL-HSP45116AVC-52 Datasheet
129Kb / 18P
   Numerically Controlled Oscillator/Modulator
HSP45116AVC-52 INTERSIL-HSP45116AVC-52 Datasheet
114Kb / 17P
   Numerically Controlled Oscillator/ Modulator
HSP45116AVC-52 INTERSIL-HSP45116AVC-52 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
logo
Renesas Technology Corp
HSP45116AVC-52 RENESAS-HSP45116AVC-52 Datasheet
1Mb / 19P
   Numerically Controlled Oscillator/Modulator
May 7, 2007
HSP45116AVC-52Z RENESAS-HSP45116AVC-52Z Datasheet
1Mb / 19P
   Numerically Controlled Oscillator/Modulator
May 7, 2007
More results

Similar Description - HSP45116AVC-52

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP45116883 INTERSIL-HSP45116883 Datasheet
157Kb / 6P
   Numerically Controlled Oscillator/Modulator
HSP45116A INTERSIL-HSP45116A Datasheet
114Kb / 17P
   Numerically Controlled Oscillator/ Modulator
HSP45116 INTERSIL-HSP45116_04 Datasheet
268Kb / 16P
   Numerically Controlled Oscillator/Modulator
HSP45116 INTERSIL-HSP45116 Datasheet
129Kb / 18P
   Numerically Controlled Oscillator/Modulator
logo
Renesas Technology Corp
HSP45116 RENESAS-HSP45116 Datasheet
768Kb / 16P
   Numerically Controlled Oscillator/Modulator
Jul 2004
HSP45116A RENESAS-HSP45116A Datasheet
1Mb / 19P
   Numerically Controlled Oscillator/Modulator
May 7, 2007
logo
Intersil Corporation
HSP45106883 INTERSIL-HSP45106883 Datasheet
130Kb / 6P
   16-Bit Numerically Controlled Oscillator
logo
Renesas Technology Corp
HSP45102 RENESAS-HSP45102 Datasheet
435Kb / 9P
   12-Bit Numerically Controlled Oscillator
logo
Intersil Corporation
HSP45106 INTERSIL-HSP45106_04 Datasheet
517Kb / 13P
   16-Bit Numerically Controlled Oscillator
HSP45102 INTERSIL-HSP45102_05 Datasheet
151Kb / 7P
   12-Bit Numerically Controlled Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com