Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL2227CY-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL2227CY-T7
Description  Dual Very Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2227CY-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL2227CY-T7 Datasheet HTML 2Page - Intersil Corporation EL2227CY-T7 Datasheet HTML 3Page - Intersil Corporation EL2227CY-T7 Datasheet HTML 4Page - Intersil Corporation EL2227CY-T7 Datasheet HTML 5Page - Intersil Corporation EL2227CY-T7 Datasheet HTML 6Page - Intersil Corporation EL2227CY-T7 Datasheet HTML 7Page - Intersil Corporation EL2227CY-T7 Datasheet HTML 8Page - Intersil Corporation EL2227CY-T7 Datasheet HTML 9Page - Intersil Corporation EL2227CY-T7 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
FN7058.3
May 1, 2007
FIGURE 13. 3dB BANDWIDTH vs SUPPLY VOLTAGE
FIGURE 14. PEAKING vs SUPPLY VOLTAGE
FIGURE 15. LARGE SIGNAL STEP RESPONSE (VS = ±12V)
FIGURE 16. LARGE SIGNAL STEP RESPONSE (VS = ±2.5V)
FIGURE 17. SMALL SIGNAL STEP RESPONSE (VS = ±12V)
FIGURE 18. SMALL SIGNAL STEP RESPONSE (VS = ±2.5V)
Typical Performance Curves (Continued)
140
120
100
80
60
40
20
0
24
8
SUPPLY VOLTAGE (±V)
12
610
AV = +2
RF = 620Ω
RL = 500Ω
AV = -1
AV = +2
A V= -2
AV = +5
AV = -5
AV = -10
AV = +10
4
3.5
3
2.5
2
1.5
1
0.5
0
24
8
SUPPLY VOLTAGE (±V)
12
610
AV = +2
RF = 620Ω
RL = 500Ω
AV = -1
AV = -2
AV = +2
AV = +10
AV = -10
AV = -5
AV = +5
100ns/DIV
0.5V/DIV
RF = 620Ω
AV = 2
RL = 500Ω
100ns/DIV
0.5V/DIV
RF = 620Ω
AV = 2
RL = 500Ω
RF = 620Ω
AV = 2
RL = 500Ω
100ns/DIV
20mV/DIV
100ns/DIV
20mV/DIV
RF = 620Ω
AV = 2
RL = 500Ω
EL2227


Similar Part No. - EL2227CY-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2227CY-T7 ELANTEC-EL2227CY-T7 Datasheet
182Kb / 15P
   Dual Very Low Noise Amplifier
More results

Similar Description - EL2227CY-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2227C ELANTEC-EL2227C Datasheet
182Kb / 15P
   Dual Very Low Noise Amplifier
logo
Renesas Technology Corp
EL2227 RENESAS-EL2227 Datasheet
740Kb / 14P
   Dual, Very Low Noise Amplifier
logo
Intersil Corporation
EL2227 INTERSIL-EL2227 Datasheet
441Kb / 14P
   Dual, Very Low Noise Amplifier
logo
Analog Devices
OP-270 AD-OP-270 Datasheet
601Kb / 16P
   DUAL VERY LOW NOISE PRECISION OPERATIONAL AMPLIFIER
OP270 AD-OP270 Datasheet
525Kb / 16P
   Dual Very Low Noise Precision Operational Amplifier
REV. C
OP270GPZ AD-OP270GPZ Datasheet
425Kb / 20P
   Dual Very Low Noise Precision Operational Amplifier
Rev. E
OP270 AD-OP270_17 Datasheet
383Kb / 21P
   Dual Very Low Noise Precision Operational Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-12516 AVAGO-MGA-12516 Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-12516 BOARDCOM-MGA-12516 Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
logo
STMicroelectronics
TDA3420 STMICROELECTRONICS-TDA3420 Datasheet
171Kb / 5P
   DUAL VERY LOW NOISE PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com