Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS4-3282-9 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HS4-3282-9
Description  CMOS ARINC Bus Interface Circuit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS4-3282-9 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HS4-3282-9 Datasheet HTML 7Page - Intersil Corporation HS4-3282-9 Datasheet HTML 8Page - Intersil Corporation HS4-3282-9 Datasheet HTML 9Page - Intersil Corporation HS4-3282-9 Datasheet HTML 10Page - Intersil Corporation HS4-3282-9 Datasheet HTML 11Page - Intersil Corporation HS4-3282-9 Datasheet HTML 12Page - Intersil Corporation HS4-3282-9 Datasheet HTML 13Page - Intersil Corporation HS4-3282-9 Datasheet HTML 14Page - Intersil Corporation HS4-3282-9 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
193
Data Word Gap Time 1/
TGAP
VDD = 4.75V, 5.25V
39.6
40.4
µs
Data Word Gap Time 2/
TGAP
VDD = 4.75V, 5.25V
316.8
323.2
µs
Data Transmission Word to TX/R Set Time
TDTX/R
VDD = 4.75V, 5.25V
-
400
ns
Enable Transmit Turnoff Time
TENTX/R
VDD = 4.75V, 5.25V
0
-
ns
REPEATER OPERATION TIMING
Data Enable to Parallel Load Delay Time
TENPL
VDD = 4.75V, 5.25V
0
-
ns
Data Enable Hold for Parallel Load Time
TPLEN
VDD = 4.75V, 5.25V
0
-
ns
Enable Transmit Delay Time
TTX/REN
VDD = 4.75V, 5.25V
0
-
ns
NOTES:
1. 100kHz Data Rate.
2. 12.5kHz Data Rate.
Electrical Performance Specifications VDD = 5V ±5%, TA = 0oC to +70oC (HS-3282-5),
TA = -55
oC to +125oC (HS-3282-8)
PARAMETER
SYMBOL
(NOTE 1)
CONDITIONS
LIMITS
UNITS
MIN
MAX
Differential Input Capacitance
CD
VDD = Open, f = 1MHz, Note 2, 3
-
20
pF
Input Capacitance to VDD
CH
VDD = GND, f = 1MHz, Note 2, 3
-
20
pF
lnput Capacitance to GND
CG
VDD = Open, f = 1MHz, Note 2, 3
-
20
pF
Input Capacitance
Cl
VDD = Open, f = 1MHz, Note 2, 4
-
15
pF
Output Capacitance
CO
VDD = Open, f = 1MHz, Note 2, 5
-
15
pF
Clock Rise Time
TLHC
CLK = 1MHz, From 0.7V to 3.5V
-
10
ns
Clock Fall Time
THLC
CLK = 1MHz, From 3.5V to 0.7V
-
10
ns
Input Rise Time
TLHI
From 0.7V to 3.5V, Note 6
-
15
ns
Input Fall Time
THLI
From 3.5V to 0.7V, Note 6
-
15
ns
NOTES:
1. The parameters listed in this table are controlled via design or process parameters and are not directly tested. These parameters are
characterized upon initial design and after major process and/or design changes affecting these parameters.
2. All measurements are referenced to device GND.
3. Pins 2-3, 4-5.
4. Pins 8-10, 28, 29, 33, 34, 37, 39.
5. Pins 6, 7, 11-20, 22-27, 30-32, 38.
6. Pins 8-20, 22-29, 33, 34.
AC Electrical Performance Specifications VDD = 5V ±5%, TA = 0
oC to +70oC (HS-3282-5),
TA = -55
oC to +125oC (HS-3282-8) (Continued)
PARAMETER
SYMBOL
CONDITIONS
LIMITS
UNITS
MIN
MAX
HS-3282


Similar Part No. - HS4-3282-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS4-3282-9 INTERSIL-HS4-3282-9 Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
HS4-3282-9++ INTERSIL-HS4-3282-9+ Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
More results

Similar Description - HS4-3282-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
HS-3282 INTERSIL-HS-3282 Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
logo
Mitel Networks Corporat...
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685_08 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com