Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS4-3282-8 Datasheet(PDF) 7 Page - Intersil Corporation

Part # HS4-3282-8
Description  CMOS ARINC Bus Interface Circuit
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HS4-3282-8 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HS4-3282-8 Datasheet HTML 3Page - Intersil Corporation HS4-3282-8 Datasheet HTML 4Page - Intersil Corporation HS4-3282-8 Datasheet HTML 5Page - Intersil Corporation HS4-3282-8 Datasheet HTML 6Page - Intersil Corporation HS4-3282-8 Datasheet HTML 7Page - Intersil Corporation HS4-3282-8 Datasheet HTML 8Page - Intersil Corporation HS4-3282-8 Datasheet HTML 9Page - Intersil Corporation HS4-3282-8 Datasheet HTML 10Page - Intersil Corporation HS4-3282-8 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
189
Transmitter Operation
The Transmitter section consists of an 8-word deep by 31-
Bit long FIFO Memory, Parity Generator, Transmitter Word
Gap Timing Circuit and Driver Circuit.
• The FlFO Memory is organized in such a way that data
loaded in the input register is automatically transferred to
the output register for Serial Data Transmission. This
eliminates a large amount of data managing time since the
data need not be clocked from the input register to the
output register. The FIFO input register is made up of two
sets of 16 D-type flip-flops, which are clocked by the two
parallel load signals (PL1 and PL2). PL1 must always
precede PL2. Multiple PL1’s may occur and data will be
written over. As soon as PL2 is received, data is
transferred to the FIFO. The data from the Data Bus is
clocked into the D-type flip-flop on the positive going edge
of the PL signals. If the FIFO memory is initially empty, or
the stack is not full, the data will be automatically
transferred down the Memory Stack and into the output
register or to the last empty FIFO storage register. If the
Transmitter Enable signal (ENTX) is not active, a Logic
“0”, the data remains at the output register. The FIFO
Memory has storage locations to hold eight 31-bit words. If
the memory is full and the new data is again strobed with
PL, the old data at the input register is written over by the
new data. Data will remain in the Memory until ENTX goes
to a Logic “1”. This activates the FIFO Clock and data is
shifted out serially to the Transmitter Driver. Data may be
loaded into the FIFO only while ENTX is inactive (low). It is
not possible to write data into the FIFO while transmitting.
WARNING: If PL1 or PL2 is applied while ENTX is high,
i.e., while transmitting, the FlFO may be disrupted such
that it would require a MR (Master Reset) signal to
recover.
• The Output Register of the FIFO is designed such that it
can shift out a word of 24 Bits long or 31 Bits long. This
word length is again controlled by the WLSEL bit. The TX
word Gap Timer Circuit also automatically inserts a gap
equivalent to 4-Bit Times between each word. This gives a
minimum requirement of 29-Bit time or 36-Bit time for each
word transmission. Assuming the signal, ENTX, remains
at a Logic “1”, a transfer to stack signal is generated to
transfer the data down the Memory Stack one position.
This action is continued until the last word is shifted out of
the FIFO memory. At this time a Transmitter Ready (TX/R)
flag is generated to signal the user that the Transmitter is
ready to receive eight more data words. During transmis-
sion, if ENTX is taken low then high again, transmission
will cease leaving a portion of the word untransmitted, and
the data integrity of the FIFO will be destroyed.
• A Bit Counter is used to detect the last Bit shifted out of
the FIFO memory and appends the Parity Bit generated
by the Parity Generator. The Parity Generator has a
control signal, Parity Check (PARCK), which establishes
whether odd or even parity is used in the output data
word. PARCK set to a logic “0” will result in odd parity and
when set to a logic “1” will result in even parity.
Sample Interface Technique
From Figure 1, one can see that the Data Bus is time shared
between the Receiver and Transmitter. Therefore, bus
controlling must be synchronously shared between the
Receiver and the Transmitter.
Figure 2 shows the typical interface timing control of the
ARlNC Chip for Receiving function and for Transmitting
function. Timing sequence for loading the Transmitter FIFO
Memory is shown in Timing Interval A. A transmitter Ready
(TX/R) Flag signals the user that the Transmitter Memory is
empty. The user then Enables the Transmitter Data, a 16-Bit
word, on the Data Bus and strobes the Transmitter with a
Parallel Load (PL1) Signal. The second part of the 32-Bit
word is similarly loaded into the Transmitter with PL2, which
also initiates data transfer to stack. This is continuous until
the Memory is full, which is eight 31-Bit words. The user
must keep track of the number of words loaded into the
Memory to ensure no data is written over by other data.
During the time the user is loading the Transmitter, he does
not have to service the Receiver, even if the Receiver flags
the user with the signal D/R1 that a valid received word is
ready to be fetched. This is shown by the Timing interval B. If
the user decides to obtain the received data before the
Transmitter is completely loaded, he sets the two parallel
load signals (PL1 and PL2) at a Logic “1” state, and strobes
EN1 while the signal SEL is at a Logic “0” state. After the
negative edge of EN1, the first 16-Bit segment of the
received word becomes valid on the Data Bus. At the
positive edge of EN1, the user should toggle the signal SEL
to ready the Receiver for the second 16-Bit word. Strobing
the Receiver with EN1, the second time, enables the second
16-Bit word and resets the Receiver Ready Flag D/R1. The
user should now reset the signal SEL to a Logic “0” state to
ready the Receiver for another Read Cycle. During the time
period that the user is fetching the received words, he can
load the transmitter. This is done by interlacing the PL
signals with the EN signals as shown in the Timing Interval
B. Servicing the Receiver 2 is similar and is illustrated by
Timing interval C. Timing interval D shows the rest of the
Transmitter loading sequence and the beginning of the
transmission by switching the signal TX Enable to a Logic “1”
state. Timing interval E is the time it takes to transmit all data
from the FlFO Memory, either 288 Bit times or 232 Bit times.
Repeater Operation
This mode of operation allows a data word that has been
received to be placed directly in the FIFO for transmission. A
timing diagram is shown in Figure 7. A 32-bit word is used in
this example. The data word is shifted into the shift register
and the D/R flag goes low. A logic “0” is placed on the SEL
line and EN1 is strobed. This is the same as the normal
receiver operation and places half the data word (16 bits) on
the data bus. By strobing PL1 at the same time as EN1,
these 16 bits will be taken off the bus and placed in the
FIFO. SEL is brought back high and EN1 is strobed again for
the second 16 bits of the data word. Again by strobing PL2 at
the same time the second 16 bits will be placed in the FIFO.
The parity bit will have been stripped away leaving the 31-bit
data word in the FIFO ready for transmission as shown in
Figure 6.
HS-3282


Similar Part No. - HS4-3282-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS4-3282-8 INTERSIL-HS4-3282-8 Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
HS4-3282-8 INTERSIL-HS4-3282-8 Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
More results

Similar Description - HS4-3282-8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS1-3282-8 INTERSIL-HS1-3282-8 Datasheet
309Kb / 17P
   CMOS ARINC Bus Interface Circuit
March 1997
HS-3282 INTERSIL-HS-3282 Datasheet
176Kb / 15P
   CMOS ARINC Bus Interface Circuit
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
logo
Mitel Networks Corporat...
MT8930C-1 MITEL-MT8930C-1 Datasheet
323Kb / 42P
   CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
MT8971B MITEL-MT8971B Datasheet
390Kb / 20P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
MT9171 MITEL-MT9171 Datasheet
393Kb / 22P
   ISO2-CMOS ST-BUS??FAMILY Digital Subscriber Interface Circuit Digital Network Interface Circuit
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685_08 Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com