Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-0303-5 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI3-0303-5
Description  Dual, SPDT CMOS Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-0303-5 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI3-0303-5 Datasheet HTML 2Page - Intersil Corporation HI3-0303-5 Datasheet HTML 3Page - Intersil Corporation HI3-0303-5 Datasheet HTML 4Page - Intersil Corporation HI3-0303-5 Datasheet HTML 5Page - Intersil Corporation HI3-0303-5 Datasheet HTML 6Page - Intersil Corporation HI3-0303-5 Datasheet HTML 7Page - Intersil Corporation HI3-0303-5 Datasheet HTML 8Page - Intersil Corporation HI3-0303-5 Datasheet HTML 9Page - Intersil Corporation HI3-0303-5 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN3125.10
November 17, 2004
FIGURE 2G. VANALOG = -10V
NOTE:
11. If RGEN, RL or CL is increased, there will be proportional increases in rise and/or fall RC times.
FIGURE 2. SWITCHING WAVEFORMS FOR VARIOUS ANALOG INPUT VOLTAGES
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. BREAK-BEFORE-MAKE DELAY (tOPEN)
Test Circuits and Waveforms (Continued)
TIME (
µs)
0
0
0.4
0.8
1.2
1.6
VGEN = -10V
-5
-10
SWITCH TYPE
VINH
HI-303
5V
V+
D2
RL2
CL2
V-
-15V
GND
LOGIC
VS2 = +3V
S2
INPUT
OUT 1
OUT 2
D1
S1
VS1 = +3V
RL1
CL1
15V
LOGIC “1” = SWITCH ON
LOGIC
INPUT
0V
0V
SWITCH
OUTPUTS
VINH
50%
50%
tOPEN
50%
50%
0V
OUT 1
OUT 2
RL1 = RL2 = 300Ω
CL1 = CL2 = 33pF
tOPEN
Typical Performance Curves
FIGURE 4. rDS(ON) vs VD
FIGURE 5. rDS(ON) vs VD
DRAIN VOLTAGE (V)
80
60
40
20
0
-15
-10
-5
0
5
10
15
V+ = +15V, V- = -15V
125oC
25oC
-55oC
DRAIN VOLTAGE (V)
80
60
40
20
0
-15
-10
-5
0
5
10
15
TA = 25
oC
A V+ = +15V, V- = -15V
B V+ = +10V, V- = -10V
C V+ = +7.5V, V- = -7.5V
D V+ = +5V, V- = -5V
A
B
C
D
HI-303


Similar Part No. - HI3-0303-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-0390-5 INTERSIL-HI3-0390-5 Datasheet
56Kb / 7P
   CMOS Analog Switch
July 1999
More results

Similar Description - HI3-0303-5

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IH5043CPE INTERSIL-IH5043CPE Datasheet
133Kb / 7P
   Dual SPDT CMOS Analog Switch
IH5151 INTERSIL-IH5151 Datasheet
155Kb / 7P
   Dual SPDT, CMOS Analog Switch
logo
Renesas Technology Corp
HI-303 RENESAS-HI-303 Datasheet
384Kb / 11P
   Dual SPDT CMOS Analog Switch
November 2003
HI-390 RENESAS-HI-390 Datasheet
295Kb / 8P
   Dual SPDT CMOS Analog Switch
August 2002
logo
Intersil Corporation
HI-303883 INTERSIL-HI-303883 Datasheet
240Kb / 11P
   Dual SPDT CMOS Analog Switch
HI-390 INTERSIL-HI-390_02 Datasheet
165Kb / 8P
   Dual SPDT CMOS Analog Switch
logo
Calogic, LLC
CWB2269 CALOGIC-CWB2269 Datasheet
47Kb / 4P
   CMOS/DMOS Wideband Dual SPDT Analog Switch
logo
Intersil Corporation
HS-303ARH INTERSIL-HS-303ARH Datasheet
93Kb / 3P
   Radiation Hardened CMOS Dual SPDT Analog Switch
HS-303RH-T INTERSIL-HS-303RH-T_01 Datasheet
490Kb / 2P
   Radiation Hardened CMOS Dual SPDT Analog Switch
logo
Renesas Technology Corp
HS-303ARH RENESAS-HS-303ARH Datasheet
251Kb / 7P
   Radiation Hardened CMOS Dual SPDT Analog Switch
Jul.18.19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com