Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5202IY Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5202IY
Description  400MHz Slew Enhanced VFAs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5202IY Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5202IY Datasheet HTML 3Page - Intersil Corporation EL5202IY Datasheet HTML 4Page - Intersil Corporation EL5202IY Datasheet HTML 5Page - Intersil Corporation EL5202IY Datasheet HTML 6Page - Intersil Corporation EL5202IY Datasheet HTML 7Page - Intersil Corporation EL5202IY Datasheet HTML 8Page - Intersil Corporation EL5202IY Datasheet HTML 9Page - Intersil Corporation EL5202IY Datasheet HTML 10Page - Intersil Corporation EL5202IY Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
FN7331.8
January 17, 2008
FIGURE 7. GAIN vs FREQUENCY FOR VARIOUS ±VS
FIGURE 8. GAIN vs FREQUENCY FOR VARIOUS
RLOAD (AV = +1)
FIGURE 9. GAIN vs FREQUENCY FOR VARIOUS
RLOAD (AV = +2)
FIGURE 10. GAIN vs FREQUENCY FOR VARIOUS
RLOAD (AV = +5)
FIGURE 11. GAIN vs FREQUENCY FOR VARIOUS
CLOAD (AV = +1)
FIGURE 12. GAIN vs FREQUENCY FOR VARIOUS
CLOAD (AV = +2)
Typical Performance Curves (Continued)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1M
10M
100M
1G
FREQUENCY (Hz)
AV = +1
RF = 0
RL = 500Ω
CL = +3.3pF
VS = ±5V
VS = ±4V
VS = ±3V
VS = ±2.5V
VS = ±6
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1M
10M
100M
1G
FREQUENCY (Hz)
RL = 500Ω
RL = 1kΩ
VS = ±5V
AV = +1
RF = 0
CL = +3.3pF
RL = 150Ω
RL = 75Ω
RL = 50Ω
1M
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
10M
100M
1G
FREQUENCY (Hz)
VS = ±5V
AV = +2
RF = 402Ω
CL = +3.9pF
RL = 70Ω
RL = 500Ω
RL = 1kΩ
RL = 150Ω
RL = 50Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1M
10M
100M
FREQUENCY (Hz)
VS = ±5V
AV = +5
RF = 402Ω
CL = +3.9pF
RL = 50Ω
RL = 75Ω
RL = 150Ω
RL = 500Ω
RL = 1kΩ
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1M
10M
100M
1G
FREQUENCY (Hz)
CL = 15pF
CL = 0pF
CL = 3.3pF
CL = 27pF
CL = 8.2pF
VS = ±5V
AV = +1
RF = 0
RL = 500Ω
-5
-4
-3
-2
-1
0
1
2
3
4
5
0.1
1M
10M
100M
1G
FREQUENCY (Hz)
VS = ±5V
AV = +2
RF = 400Ω
RL = 500Ω
CL = 33pF
CL = 8.2pF
CL = 18pF
CL = 0pF
CL = 47pF
EL5102, EL5103, EL5202, EL5203, EL5302


Similar Part No. - EL5202IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5202IY INTERSIL-EL5202IY Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5202IY INTERSIL-EL5202IY Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5202IY INTERSIL-EL5202IY Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5202IY-T13 INTERSIL-EL5202IY-T13 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5202IY-T13 INTERSIL-EL5202IY-T13 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5202IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com