Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI3-0201HS-5Z Datasheet(PDF) 9 Page - Intersil Corporation

Part # HI3-0201HS-5Z
Description  High Speed, Quad SPST, CMOS Analog Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI3-0201HS-5Z Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HI3-0201HS-5Z Datasheet HTML 3Page - Intersil Corporation HI3-0201HS-5Z Datasheet HTML 4Page - Intersil Corporation HI3-0201HS-5Z Datasheet HTML 5Page - Intersil Corporation HI3-0201HS-5Z Datasheet HTML 6Page - Intersil Corporation HI3-0201HS-5Z Datasheet HTML 7Page - Intersil Corporation HI3-0201HS-5Z Datasheet HTML 8Page - Intersil Corporation HI3-0201HS-5Z Datasheet HTML 9Page - Intersil Corporation HI3-0201HS-5Z Datasheet HTML 10Page - Intersil Corporation HI3-0201HS-5Z Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FIGURE 9. DIGITAL INPUT LEAKAGE CURRENT vs
TEMPERATURE
FIGURE 10. LEAKAGE CURRENT vs ANALOG INPUT VOLTAGE
Theoretically, leakage current will continue to decrease below 25oC. But due to environmental conditions, leakage measurements below this temperature
are not representative of actual switch performance.
FIGURE 11. SWITCHING TIME vs TEMPERATURE
FIGURE 12. SWITCHING TIME vs SUPPLY VOLTAGE
FIGURE 13. SWITCHING TIME vs POSITIVE SUPPLY VOLTAGE
FIGURE 14. SWITCHING TIME vs NEGATIVE SUPPLY VOLTAGE
Typical Performance Curves (Continued)
TEMPERATURE (oC)
125
115
105
95
85
75
65
55
45
25
VAL = 0V, VAH2 = 3V, VAH1 = 5V
35
60
40
20
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
-200
-220
-240
-260
-280
IAH1
IAH2
IAL
16.0
15.5
15.0
14.5
-14.0
-14.5
-15.0
-15.5
-16.0
14.0
ANALOG INPUT (V)
10
9
8
7
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
-9
-10
V+ = +15V, V- = -15V, TA = 25
oC
IS(OFF) → VD = 0V
ID(OFF) → VS = 0V
TEMPERATURE (oC)
125
105
85
65
45
25
5
-15
-35
-55
180
160
140
120
100
80
60
40
20
0
tOFF2
tOFF1
tON
V+ = +15V
V- = -15V
RL = 1kΩ
CL = 35pF
SUPPLY VOLTAGE (
±V)
RL = 1kΩ, CL = 35pF, TA = 25
oC
tOFF2
tOFF1
tON
5
6789
10
11
12
13
14
15
350
300
250
200
150
100
50
0
POSITIVE SUPPLY (V)
V- = -15V, RL = 1kΩ
tOFF2
tOFF1
tON
5
6789
10
11
12
13
14
15
350
300
250
200
150
100
50
CL = 35pF, TA = 25
oC
0
NEGATIVE SUPPLY (V)
tOFF2
tOFF1
tON
-5
-6
-7
-8
-9
-10
-11
-12
-13
-14
-15
350
300
250
200
150
100
50
0
V+ = +15V, RL = 1kΩ
CL = 35pF, TA = 25
oC
HI-201HS


Similar Part No. - HI3-0201HS-5Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-0201HS-5Z INTERSIL-HI3-0201HS-5Z Datasheet
747Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
More results

Similar Description - HI3-0201HS-5Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
   High Speed Quad SPST CMOS Analog Switch
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
   High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS Datasheet
253Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
July 1999
HI-201H INTERSIL-HI-201H Datasheet
747Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
logo
TEMIC Semiconductors
DG201HS TEMIC-DG201HS Datasheet
107Kb / 8P
   High-Speed Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS_08 Datasheet
124Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. G, 25-Jun-07
DG201HS VISHAY-DG201HS Datasheet
109Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. F, 06-Sep-99
logo
Maxim Integrated Produc...
HI-201HS MAXIM-HI-201HS Datasheet
213Kb / 8P
   High-Speed, CMOS, Quad, SPST Analog Switch
19-0117; Rev 1; 11/94
logo
Vishay Siliconix
DG271B VISHAY-DG271B Datasheet
55Kb / 4P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. B, 15-Nov-04
DG271MIL VISHAY-DG271MIL Datasheet
68Kb / 5P
   High-Speed Quad Monolithic SPST CMOS Analog Switch
Rev. G, 23-Aug-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com