Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5202IYZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL5202IYZ
Description  400MHz Slew Enhanced VFAs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5202IYZ Datasheet(HTML) 4 Page - Intersil Corporation

  EL5202IYZ Datasheet HTML 1Page - Intersil Corporation EL5202IYZ Datasheet HTML 2Page - Intersil Corporation EL5202IYZ Datasheet HTML 3Page - Intersil Corporation EL5202IYZ Datasheet HTML 4Page - Intersil Corporation EL5202IYZ Datasheet HTML 5Page - Intersil Corporation EL5202IYZ Datasheet HTML 6Page - Intersil Corporation EL5202IYZ Datasheet HTML 7Page - Intersil Corporation EL5202IYZ Datasheet HTML 8Page - Intersil Corporation EL5202IYZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN7331.8
January 17, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and GND. . . . . . . . . . . . . . . . . . 13.2V
Maximum Supply Slewrate between VS+ and VS- . . . . . . . . . 1V/µs
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±VS
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .±4V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 80mA
Maximum Current into IN+, IN-, CE . . . . . . . . . . . . . . . . . . . . . ±5mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature Range . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
DC Electrical Specifications
VS+ = +5V, VS- = -5V, TA = +25°C, RL = 500Ω, VENABLE = +5V, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Offset Voltage
EL5102, EL5103, EL5202, EL5203
1
5
mV
EL5302
2
8
mV
TCVOS
Offset Voltage Temperature Coefficient
Measured from TMIN to TMAX
10
µV/°C
IB
Input Bias Current
VIN = 0V
-12
2
12
µA
IOS
Input Offset Current
VIN = 0V
-8
1
8
µA
TCIOS
Input Bias Current Temperature
Coefficient
Measured from TMIN to TMAX
50
nA/°C
PSRR
Power Supply Rejection Ratio
VS = ±4.75V to ±5.25V
-70
-80
dB
CMRR
Common Mode Rejection Ratio
VCM = -3V to 3.0V
-60
-80
dB
CMIR
Common Mode Input Range
Guaranteed by CMRR test
-3
±3.3
3
V
RIN
Input Resistance
Common mode
200
400
k
Ω
CIN
Input Capacitance
SO package
1
pF
IS,ON
Supply Current - Enabled Per Amplifier
4.6
5.2
5.8
mA
IS,OFF
Supply Current - Shut-down Per Amplifier VS++1
+9
+25
µA
VS--25
-13
-1
µA
AVOL
Open Loop Gain
VOUT = ±2.5V, RL = 1kΩ to GND
58
66
dB
VOUT = ±2.5V, RL = 150Ω to GND
60
dB
VOUT
Output Voltage Swing
RL = 1kΩ to GND
±3.5
±3.9
V
RL = 150Ω to GND
±3.4
±3.7
V
IOUT
Output Current
AV = 1, RL = 10Ω to 0V
±80
±150
mA
VCE-ON
CE Pin Voltage for Power-up
(VS+) -5
(VS+) -3
V
VCE-OFF
CE Pin Voltage for Shut-down
(VS+) -1
VS+V
IEN-ON
Pin Current - Enabled
CE = 0V
-1
0
+1
µA
IEN-OFF
Pin Current - Disabled
CE = +5V
1
14
25
µA
EL5102, EL5103, EL5202, EL5203, EL5302


Similar Part No. - EL5202IYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5202IYZ INTERSIL-EL5202IYZ Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5202IYZ INTERSIL-EL5202IYZ Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202IYZ RENESAS-EL5202IYZ Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5202IYZ-T13 INTERSIL-EL5202IYZ-T13 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
EL5202IYZ-T13 INTERSIL-EL5202IYZ-T13 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
More results

Similar Description - EL5202IYZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
ISL55036 INTERSIL-ISL55036 Datasheet
687Kb / 11P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
logo
Renesas Technology Corp
ISL55033 RENESAS-ISL55033 Datasheet
1Mb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
logo
Intersil Corporation
ISL55033IRTZ INTERSIL-ISL55033IRTZ Datasheet
877Kb / 13P
   400MHz Slew Rate Enhanced, Rail-to-Rail Output Gain Block
June 29, 2015
ISL55033 INTERSIL-ISL55033 Datasheet
1Mb / 12P
   400MHz Slew Rate Enhanced Rail-to-Rail Output Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com