Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9054902MQA Datasheet(PDF) 5 Page - Intersil Corporation

Part # 5962-9054902MQA
Description  CMOS Manchester Encoder-Decoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-9054902MQA Datasheet(HTML) 5 Page - Intersil Corporation

  5962-9054902MQA Datasheet HTML 1Page - Intersil Corporation 5962-9054902MQA Datasheet HTML 2Page - Intersil Corporation 5962-9054902MQA Datasheet HTML 3Page - Intersil Corporation 5962-9054902MQA Datasheet HTML 4Page - Intersil Corporation 5962-9054902MQA Datasheet HTML 5Page - Intersil Corporation 5962-9054902MQA Datasheet HTML 6Page - Intersil Corporation 5962-9054902MQA Datasheet HTML 7Page - Intersil Corporation 5962-9054902MQA Datasheet HTML 8Page - Intersil Corporation 5962-9054902MQA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Encoder Operation
The Encoder requires a single clock with a frequency of
twice the desired data rate applied at the SEND CLOCK
input. An auxiliary divide by six counter is provided on chip
which can be utilized to produce the SEND CLOCK by divid-
ing the DECODER CLOCK. The frame length is set by pro-
gramming
the
COUNT
inputs. Parity is selected by
programming ENCODER PARITY SELECT high for odd par-
ity or low for even parity.
The Encoder’s cycle begins when ENCODER ENABLE is
high during a falling edge of ENCODER SHIFT CLOCK
.
This cycle lasts for one word length or K + 4 ENCODER
SHIFT CLOCK periods, where K is the number of bits to be
sent. At the next low-to-high transition of the ENCODER
SHIFT CLOCK, a high SYNC SELECT input actuates a
Command sync or a low will produce a Data sync for the
word
. When the Encoder is ready to accept data, the
SEND DATA output will go high for K ENCODER SHIFT
CLOCK periods
. During these K periods the data should
be clocked into the SERIAL DATA input with every high-to-
low transition of the ENCODER SHIFT CLOCK
-
so it
can be sampled on the low-to-high transition. After the sync
and Manchester II encoded data are transmitted through the
BIPOLAR ONE and BIPOLAR ZERO outputs, the Encoder
adds on an additional bit with the parity for that word
. If
ENCODER ENABLE is held high continuously, consecutive
words
will
be
encoded
without
an
interframe
gap.
ENCODER ENABLE must go low by time
(as shown) to
prevent a consecutive word from being encoded. At any time
a low on OUTPUT INHIBIT input will force both bipolar out-
puts to a high state but will not affect the Encoder in any
other way.
To abort the Encoder transmission, a positive pulse must be
applied at MASTER RESET. Any time after or during this
pulse, a low-to-high transition on SEND CLOCK clears the
internal counters and initializes the Encoder for a new word.
Decoder Operation
To operate the Decoder asynchronously requires a single
clock with a frequency of 12 times the desired data rate
applied at the DECODER CLOCK input. To operate the
Decoder
synchronously
requires
a
SYNCHRONOUS
CLOCK at a frequency 2 times the data rate which is syn-
chronized with the data at every high-to-low transition
applied to the SYNCHRONOUS CLK input. The Manchester
II coded data can be presented to the Decoder asynchro-
nously in one of two ways. The BIPOLAR ONE and
BIPOLAR ZERO inputs will accept data from a comparator
sensed transformer coupled bus as specified in Military Spec
1553. The UNIPOLAR DATA input can only accept nonin-
verted Manchester II coded data. (e.g., from BIPOLAR ONE
OUT on an Encoder through an inverter to Unipolar Data
Input).
The Decoder is free running and continuously monitors its
data input lines for a valid sync character and two valid
Manchester data bits to start an output cycle. When a valid
sync is recognized
, the type of sync is indicated by a high
level at either COMMAND SYNC or DATA SYNC output. If
the sync character was a command sync the COMMAND
SYNC output will go high
and remain high for K SHIFT
CLOCK periods
, where K is the number of bits to be
received. If the sync character was a data sync, the DATA
SYNC output will go high. The TAKE DATA output will go
high and remain high
-
while the Decoder is transmit-
1
2
4
3
4
5
5
FIGURE 1. ENCODER
SEND CLOCK
BIT K-1
BIT K-3 BIT K-4 BIT K-5
BIT 4
BIT K-2
MSB
BIT 3
BIT 2
BIT 1
PARITY
BIT 1
BIT 2
BIT 3
BIT 4
BIT 4
BIT 3
BIT 2
BIT 1 PARITY
1ST HALF 2ND HALF
MSB
BIT K-1 BIT K-2 BIT K-3 BIT K-4
SYNC
SYNC
MSB
BIT K-1
4
5
3
2
1
VALID
TIMING
0
1
2
3
4
5
6
7
N-3
N-2
N-1
N
N-4
ENCODER
SHIFT CLOCK
ENCODER
ENABLE
SYNC
SELECT
SEND
DATA
SERIAL
DATA IN
BIPOLAR
ONE OUT
BIPOLAR
ZERO OUT
DON’T CARE
DON’T CARE
BIT K-2 BIT K-3 BIT K-4
1
2
3
2
3
HD-15531


Similar Part No. - 5962-9054902MQA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-9054301MQA INTERSIL-5962-9054301MQA Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
logo
Harris Corporation
5962-9054301MQA HARRIS-5962-9054301MQA Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
5962-9054301MQA INTERSIL-5962-9054301MQA Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
5962-9054301MXA INTERSIL-5962-9054301MXA Datasheet
148Kb / 23P
   CMOS High Performance Programmable DMA Controller
March 1997
logo
Harris Corporation
5962-9054301MXA HARRIS-5962-9054301MXA Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
More results

Similar Description - 5962-9054902MQA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Aeroflex Circuit Techno...
ACT15530 AEROFLEX-ACT15530 Datasheet
131Kb / 15P
   CMOS Manchester Encoder / Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com