Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD-15531 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HD-15531
Description  CMOS Manchester Encoder-Decoder
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HD-15531 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HD-15531 Datasheet HTML 5Page - Intersil Corporation HD-15531 Datasheet HTML 6Page - Intersil Corporation HD-15531 Datasheet HTML 7Page - Intersil Corporation HD-15531 Datasheet HTML 8Page - Intersil Corporation HD-15531 Datasheet HTML 9Page - Intersil Corporation HD-15531 Datasheet HTML 10Page - Intersil Corporation HD-15531 Datasheet HTML 11Page - Intersil Corporation HD-15531 Datasheet HTML 12Page - Intersil Corporation HD-15531 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
MIL-STD-1553
The 1553 Standard defines a time division multiplexed data
bus for application within aircraft. The bus is defined to be
bipolar, and encoded in a Manchester II format, so no DC
component appears on the bus. This allows transformer cou-
pling and excellent isolation among systems and their envi-
ronment.
The HD-15531 supports the full bipolar configuration,
assuming a bus driver configuration similar to that in
Figure 1. Bipolar inputs from the bus, like Figure 2, are also
accommodated.
The signaling format in MIL-STD-1553 is specified on the
assumption that the network of 32 or fewer terminals are
controlled by a central control unit by means of Command-
Words, and Data. Terminals respond with Status Words, and
Data. Each word is preceded by a synchronizing pulse, and
followed by parity bit, occupying a total of 20
µs. The word
formats are shown in Figure 4. The special abbreviations are
as follows:
P
Parity, which is defined to be odd, taken across all
17 bits.
R/T
Receive on logical zero, transmit on ONE.
ME
Message Error if logical 1.
TF
Terminal Flag, if set, calls for controller to request
self-test data.
BIPOLAR ONE IN
BIPOLAR ZERO IN
LSB
P
SYNC
MSB
PARITY
P
COMMAND SYNC
VALID WORD
PARALLEL OUT
VALID
VALID
FROM PREVIOUS
RECEPTION
FIGURE 5. DECODER TIMING
FIGURE 6. SIMPLIFIED MIL-STD-1553 DRIVER
FIGURE 7. SIMPLIFIED MIL-STD-1553 RECEIVER
“0”
“1”
BUS
+
-
+
-
“1”
“0”
“1” REF
“0” REF
HD-15531


Similar Part No. - HD-15531

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-15531/883 INTERSIL-HD-15531/883 Datasheet
177Kb / 8P
   CMOS Manchester Encoder-Decoder
HD-15531883 INTERSIL-HD-15531883 Datasheet
177Kb / 8P
   CMOS Manchester Encoder-Decoder
More results

Similar Description - HD-15531

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Intersil Corporation
HD-6409 INTERSIL-HD-6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Aeroflex Circuit Techno...
ACT15530 AEROFLEX-ACT15530 Datasheet
131Kb / 15P
   CMOS Manchester Encoder / Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com