Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1-0507-2 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HI1-0507-2
Description  Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1-0507-2 Datasheet(HTML) 3 Page - Intersil Corporation

  HI1-0507-2 Datasheet HTML 1Page - Intersil Corporation HI1-0507-2 Datasheet HTML 2Page - Intersil Corporation HI1-0507-2 Datasheet HTML 3Page - Intersil Corporation HI1-0507-2 Datasheet HTML 4Page - Intersil Corporation HI1-0507-2 Datasheet HTML 5Page - Intersil Corporation HI1-0507-2 Datasheet HTML 6Page - Intersil Corporation HI1-0507-2 Datasheet HTML 7Page - Intersil Corporation HI1-0507-2 Datasheet HTML 8Page - Intersil Corporation HI1-0507-2 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
FN3142.8
October 30, 2007
Pinouts
HI-506 (CERDIP, SOIC)
TOP VIEW
HI-506 (PLCC)
TOP VIEW
HI-507 (PDIP, CERDIP)
TOP VIEW
HI-508 (PDIP, CERDIP, SOIC)
TOP VIEW
+VSUPPLY
NC
NC
IN 16
IN 15
IN 14
IN 13
IN 12
IN 11
IN 10
IN 9
GND
NC
ADDRESS A3
OUT
IN 8
IN 7
IN 6
IN 5
IN 3
IN 1
ENABLE
ADDRESS A0
ADDRESS A1
ADDRESS A2
-VSUPPLY
IN 4
IN 2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
IN 15
IN 14
IN 13
IN 12
IN 11
IN 10
IN 9
IN 7
IN 6
IN 5
IN 4
IN 3
IN 2
IN 1
11
10
5
6
7
8
9
23
24
25
22
21
20
19
14
15
16
17
18
12
13
32
1
428
27
26
+VSUPPLY
OUT B
NC
IN 8B
IN 7B
IN 6B
IN 5B
IN 4B
IN 3B
IN 2B
IN 1B
GND
NC
NC
OUT A
IN 8A
IN 7A
IN 6A
IN 5A
IN 3A
IN 1A
ENABLE
ADDRESS A0
ADDRESS A1
ADDRESS A2
-VSUPPLY
IN 4A
IN 2A
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A0
ENABLE
-VSUPPLY
IN 1
IN 2
IN 3
OUT
IN 4
A1
GND
+VSUPPLY
IN 5
IN 6
IN 7
IN 8
A2
HI-506, HI-507, HI-508, HI-509


Similar Part No. - HI1-0507-2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1-0507-2 INTERSIL-HI1-0507-2 Datasheet
454Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
HI1-0507-2 INTERSIL-HI1-0507-2 Datasheet
693Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
More results

Similar Description - HI1-0507-2

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HI3-506 HARRIS-HI3-506 Datasheet
854Kb / 16P
   SINGLE 16 AND 8/ DIFFERENTIAL 8 CHANNEL AND 4 CHANNEL CMOS ANALOG MULTIPLEXERS
logo
Renesas Technology Corp
HI-506 RENESAS-HI-506 Datasheet
1,018Kb / 25P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
Jun 14, 2016
logo
Intersil Corporation
HI-506 INTERSIL-HI-506_05 Datasheet
693Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
HI-506 INTERSIL-HI-506 Datasheet
454Kb / 23P
   Single 16 and 8/Differential 8-Channel and 4-Channel CMOS Analog Multiplexers
June 1999
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Analog Devices
AD7506JNZ AD-AD7506JNZ Datasheet
231Kb / 4P
   CMOS 8-and 16-Channel Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com