Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE43 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # P4KE43
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

P4KE43 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  P4KE43 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited P4KE43 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited P4KE43 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited P4KE43 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M
in
M
ax
P4KE 62
55.8
68.8
1.0
P4KE 62A
58.9
65.1
1.0
P4KE 68
61.2
74.8
1.0
P4KE 68A
64.6
71.4
1.0
P4KE 75
67.5
82.5
1.0
P4KE 75A
71.3
78.8
1.0
P4KE 82
73.8
90.2
1.0
P4KE 82A
77.9
86.1
1.0
P4KE 91
81.9
100
1.0
P4KE 91A
86.5
95.5
1.0
P4KE 100
90.0
110
1.0
P4KE 100A
95.0
105
1.0
P4KE 110
99.0
121
1.0
P4KE 110A
105
116
1.0
P4KE 120
108
132
1.0
P4KE 120A
114
126
1.0
P4KE 130
117
143
1.0
P4KE 130A
124
137
1.0
P4KE 150
135
165
1.0
P4KE 150A
143
158
1.0
P4KE 160
144
176
1.0
P4KE 160A
152
168
1.0
P4KE 170
153
187
1.0
P4KE 170A
162
179
1.0
P4KE 180
162
198
1.0
P4KE 180A
171
189
1.0
P4KE 200
180
220
1.0
P4KE 200A
190
210
1.0
P4KE 220
198
242
1.0
P4KE 220A
209
231
1.0
P4KE 250
225
275
1.0
P4KE 250A
237
267
1.0
P4KE 300
270
330
1.0
P4KE 300A
285
315
1.0
P4KE 350
315
385
1.0
P4KE 350A
332
368
1.0
P4KE 400
360
440
1.0
P4KE 400A
380
420
1.0
P4KE 440
396
484
1.0
P4KE 440A
418
462
1.0
NOTE: (1) V(BR) measured after IT applied for 300 s, IT=square w ave pulse or equivalent
(2) Surge current w aveform per Fig. 3 and derated Fig. 2
(3) For bidirectional types having VWM of 10 volts and less, the ID limit is doubled
(4) All terms and symbols are consistent w ith ANSI/IEEE C62.35
ELECTRICAL CHARACTERISTICS at(TA=25
unless otherw ise noted)
TABLE 1(Cont' d)
Device
type
0.73
548
0.110
185
138
145
136
154
175
171
162
77.8
0.105
0.105
89.2
0.106
0.106
0.106
0.107
125
5.0
0.104
0.104
0.104
0.106
0.104
0.105
0.105
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
0.108
328
244
234
1.2
1.6
1.6
246
344
0.110
360
0.110
243
5.0
0.93
430
0.110
3.9
144
137
158
3.4
3.5
3.1
3.2
2.5
118
4.7
4.1
4.3
3.7
5.0
1.7
5.0
5.0
5.0
5.0
5.0
1.8
2.1
2.9
5.0
5.0
5.0
5.0
5.0
5.0
85.5
53.0
55.1
58.1
60.7
64.1
81.0
66.4
70.1
73.7
85.0
98.0
92.0
108
89.0
50.2
5.0
4.5
113
131
202
5.0
5.0
5.0
5.0
1.1
2.8
1.2
103
146
5.0
1.6
258
97.2
94.0
152
105
5.0
0.107
5.0
2.3
173
0.107
5.0
2.6
2.4
165
0.107
5.0
1.5
274
5.0
219
2.2
179
1.9
215
187
0.107
0.107
0.108
111
5.0
1.2
344
130
5.0
1.7
230
121
5.0
0.108
128
5.0
0.110
1.9
207
0.108
5.0
1.4
287
0.110
256
5.0
1.0
414
284
5.0
0.79
504
0.110
324
5.0
0.70
574
0.110
300
5.0
0.83
482
Breakdow n
voltage V(BR)
(V)(NOTE1)
Test
current
at IT
(mA)
342
5.0
214
5.0
102
5.0
5.0
Stand-off
voltage
VWM
(V)
Maximum
reverse
leakge
at VWM
ID (NOTE3)(μA)
Maximum
peak pulse
IPPM(NOTE2)
(A)
Maximum
clamping
voltage at
IPPM VC(V)
Maximum
temperature
coefficient
of V(BR)
(%/ )
0.110
376
5.0
0.66
602
0.110
356
5.0
0.63
631
BLGALAXY ELECTRICAL
Document Number 0285001
3.
www.galaxycn.com


Similar Part No. - P4KE43

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE43 PANJIT-P4KE43 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Nantong Hornby Electron...
P4KE43 HORNBY-P4KE43 Datasheet
343Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
P4KE43 LUGUANG-P4KE43 Datasheet
291Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4KE43 DIOTEC-P4KE43 Datasheet
153Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
P4KE43 LUGUANG-P4KE43 Datasheet
411Kb / 4P
   400 Watts Transient Voltage Suppressor Diodes
More results

Similar Description - P4KE43

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com