Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ15 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMBJ15
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMBJ15 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  SMBJ15 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMBJ15 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMBJ15 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMBJ15 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document Number 0285006
3
.
www.galaxycn.com
Uni
Bi
Min
+SMBJ33
ML
CL
36.7
59.0
+SMBJ33A
MM
CM
36.7
53.3
+SMBJ36
MN
CN
40.0
64.3
+SMBJ36A
MP
CP
40.0
58.1
+SMBJ40
MQ
CQ
44.4
71.4
+SMBJ40A
MR
CR
44.4
64.5
+SMBJ43
MS
CS
47.8
76.7
+SMBJ43A
MT
CT
47.8
69.4
+SMBJ45
MU
MU
50.0
80.3
+SMBJ45A
MV
MV
50.0
72.7
+SMBJ48
MW
MW
53.3
85.5
+SMBJ48A
MX
MX
53.3
77.4
+SMBJ51
MY
MY
56.7
91.1
+SMBJ51A
MZ
MZ
56.7
82.4
+SMBJ54
ND
ND
60.0
96.3
+SMBJ54A
NE
NE
60.0
87.1
+SMBJ58
NF
NF
64.4
103
+SMBJ58A
NG
NG
64.4
93.6
+SMBJ60
NH
NH
66.7
107
+SMBJ60A
NK
NK
66.7
96.8
+SMBJ64
NL
NL
71.1
114
+SMBJ64A
NM
NM
71.1
103
+SMBJ70
NN
NN
77.8
125
+SMBJ70A
NP
NP
77.8
113
+SMBJ75
NQ
NQ
83.3
134
+SMBJ75A
NR
NR
83.3
121
+SMBJ78
NS
NS
86.7
139
+SMBJ78A
NT
NT
86.7
126
+SMBJ85
NU
NU
94.4
151
+SMBJ85A
NV
NV
94.4
137
+SMBJ90
NW
NW
100
160
+SMBJ90A
NX
NX
100
146
+SMBJ100
NY
NY
111
179
+SMBJ100A
NZ
NZ
111
162
+SMBJ110
PD
PD
122
196
+SMBJ110A
PE
PE
122
177
+SMBJ120
PF
PF
133
214
+SMBJ120A
PG
PG
133
193
+SMBJ130
PH
PH
144
231
+SMBJ130A
PK
PK
144
209
+SMBJ150
PL
PL
167
268
+SMBJ150A
PM
PM
167
243
+SMBJ160
PN
PN
178
287
+SMBJ160A
PP
PP
178
259
+SMBJ170
PQ
PQ
189
304
+SMBJ170A
PR
PR
189
275
+SMBJ188
PT
PT
209
344
+SMBJ188A
PS
PS
209
328
(5) For the bidirectional SMBG/SMBJ5.0CA, the maximum V
(BR) is 7.25V
ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specif ied.V
F=3.5V at IF=50A (uni-directional only )
number E239431 for both uni-directional and bi-directional devices
(4) All terms and symbols are consistent w ith ANSI/IEEE C62.35
Notes: (1) Pulse test :t
P
50ms
(2) Surge current w aveform per Fig.3 and derate per Fig.2
(3) For bi-directional types having V
WM of 10 Volts and less,the ID Iimit is doubled
+Underw riters Laboratory Recognition for the classification of protectors (QVG2) under the UL standard for safety 497B and file
2.0
209
1.0
170
5.0
2.2
231
1.0
170
5.0
2.1
197
1.0
160
5.0
2.3
218
1.0
160
5.0
2.2
185
1.0
150
5.0
2.5
204
1.0
150
5.0
2.6
159
1.0
130
5.0
2.9
176
1.0
130
5.0
1.0
1.0
5.0
1.0
5.0
5.0
5.0
60
5.0
54
5.0
78
5.0
75
5.0
75
86.9
1.0
1.0
1.0
102
1.0
78.6
106
95.1
147
1.0
111
1.0
136
3.4
163
1.0
120
5.0
2.8
135
1.0
110
5.0
3.1
123
1.0
100
5.0
149
1.0
110
5.0
3.7
5.0
6.2
78
5.0
5.0
5.0
64
5.0
5.0
70
78.7
81.5
1.0
60
71.2
1.0
51
73.7
1.0
5.8
5.8
6.4
5.6
5.3
58
5.0
6.9
73.3
62.7
5.0
66.3
1.0
7.3
54
5.0
6.2
1.0
1.0
86.0
1.0
92.1
115
95.8
1.0
48
85
5.0
5.0
5.0
5.0
36
36
40
5.0
44.9
1.0
33
5.0
33
58.9
40.6
48.9
44.2
54.3
49.1
65.1
58.4
52.8
61.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
70
1.0
1.0
1.0
1.0
1.0
64
58
48
40
5.0
5.0
5.0
43
43
45
45
51
5.0
100
5.0
3.4
90
5.0
5.0
5.0
4.3
4.8
4.0
10.2
11.3
9.3
7.5
10.3
8.4
9.3
55.3
7.8
8.6
69.3
8.3
7.0
7.8
6.6
5.0
1.0
Device Type
Modified
"J" Bend Lead
Breakdow n Voltage
V
(BR) at IT
(1)
(V)
Max
Maximum
Peak Pulss Surge
Current I
PPM
(A)(2)
Device
Marking
Code
Stand-off
Voltage
V
WM (V)
Maximum
Reverse Leakage
at V
WM
I
D(
A)(3)
Maximum
Clamping
Voltage at I
PPM
Vc (V)
Test
Current
I
T(m A)
120
5.0
3.1
4.1
1.0
4.8
5.3
4.5
104
4.4
3.8
5.0
90
122
1.0
1.0
5.0
85
255
231
1.0
1.0
1.7
2.0
188
188
5.0
5.0
BLGALAXYELECTRICAL


Similar Part No. - SMBJ15

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ15 JGD-SMBJ15 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ15 MICROSEMI-SMBJ15 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Socay Electornics Co., ...
SMBJ15 SOCAY-SMBJ15 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ15 SOCAY-SMBJ15 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
DAESAN ELECTRONIC CORP.
SMBJ15 DAESAN-SMBJ15 Datasheet
709Kb / 4P
   POWER 600Watts VOLTAGE 5.0 to 188 Volts
More results

Similar Description - SMBJ15

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com