Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5205IY-T13 Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5205IY-T13
Description  700MHz Slew-Enhanced VFAs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5205IY-T13 Datasheet(HTML) 5 Page - Intersil Corporation

  EL5205IY-T13 Datasheet HTML 1Page - Intersil Corporation EL5205IY-T13 Datasheet HTML 2Page - Intersil Corporation EL5205IY-T13 Datasheet HTML 3Page - Intersil Corporation EL5205IY-T13 Datasheet HTML 4Page - Intersil Corporation EL5205IY-T13 Datasheet HTML 5Page - Intersil Corporation EL5205IY-T13 Datasheet HTML 6Page - Intersil Corporation EL5205IY-T13 Datasheet HTML 7Page - Intersil Corporation EL5205IY-T13 Datasheet HTML 8Page - Intersil Corporation EL5205IY-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
FN7332.6
May 3, 2007
Closed Loop AC Electrical Specifications VS = +5V, GND = 0V, TA = +25°C, VCM = +1.5V, VOUT = +1.5V, VCLAMP = +5V,
VENABLE = 0V, AV = +1, RF = 0Ω, RL = 150Ω to GND pin, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth (VOUT = 200mVP-P)VS = ±5V, AV = 1, RF = 0Ω
700
MHz
SR
Slew Rate
RL = 100Ω, VOUT = -3V to +3V
2000
3000
7000
V/µs
tR, tF
Rise Time, Fall Time
±0.1V step
0.4
ns
OS
Overshoot
±0.1V step
10
%
tPD
Propagation Delay
±0.1V step
0.4
ns
tS
0.1% Settling Time
VS = ±5V, RL = 500Ω, AV = 1, VOUT = ±2.5V
7
ns
dG
Differential Gain
AV = 2, RL = 150Ω, VINDC = -1 to +1V
0.01
%
dP
Differential Phase
AV = 2, RL = 150Ω, VINDC = -1 to +1V
0.02
°
eN
Input Noise Voltage
f = 10kHz
10
nV/
√Hz
iN
Input Noise Current
f = 10kHz
54
pA/
√Hz
tDIS
Disable Time
180
ns
tEN
Enable Time
650
ns
IEN
Enable Pin Current
Enabled, VEN = 0V
-1
1
µA
Disabled, VEN = 5V
1
25
µA
EL5104, EL5105, EL5204, EL5205, EL5304


Similar Part No. - EL5205IY-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5205IY-T13 INTERSIL-EL5205IY-T13 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
More results

Similar Description - EL5205IY-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_08 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5104 INTERSIL-EL5104 Datasheet
2Mb / 17P
   700MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com