Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6375D Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6375D
Description  0.5A INDUSTRIAL INTELLIGENT POWER SWITCH
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6375D Datasheet(HTML) 5 Page - STMicroelectronics

  L6375D Datasheet HTML 1Page - STMicroelectronics L6375D Datasheet HTML 2Page - STMicroelectronics L6375D Datasheet HTML 3Page - STMicroelectronics L6375D Datasheet HTML 4Page - STMicroelectronics L6375D Datasheet HTML 5Page - STMicroelectronics L6375D Datasheet HTML 6Page - STMicroelectronics L6375D Datasheet HTML 7Page - STMicroelectronics L6375D Datasheet HTML 8Page - STMicroelectronics L6375D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5/12
L6375
Vosd
5.6
Active Output Status Driver
Drop Voltage
Vs –Vos ;Ios = 2mA
Tamb = 0to +85
°C
1.5
3
V
Ioslk
5.6
Output Status Driver Leakage
Current
Vout <Voth2 ;Vos = 0V
VS = 18 to 35V
25
µA
Vdgl
5.6
Diagnostic Drop Voltage
D1 / D2 = L ; Idiag = 0.5mA
D1 / D2= L; Idiag = 3mA
40
250
mV
mV
Idglk
5.6
Diagnostic Leakage Current
D1 / D2 = H ; 0 < Vdg <Vs
VS = 15.6 to 35V
5
µA
Tmax
Over Temperature Upper
Threshold
150
°C
Thys
Over Temperature Hysteresis
20
°C
AC OPERATION (
pin numbering referred to Minidip package)
tr -tf
2
Rise or Fall Time
Vs = 24V; Rl =70Ω Rl to ground
20
µs
td
2
Delay Time
Vs = 24V; Rl =70
Ω Rl to ground
5
µs
dV/dt
2
Slew Rate (Rise and Fall Edge)
50pF < CDON < 2nF
7
1
15
V/
µs
tON
8
On time during Short Circuit
Condition
128
µs/pF
tOFF
8
Off time during Short Circuit
Condition
64
µs/pF
fmax
Maximum Operating Frequency
25
KHz
SOURCE DRAIN NDMOS DIODE
Vf
Forward On Voltage
@ Ifsd = 625mA
1
1.5
V
IfD
Forward Peak Voltage
t = 10ms; d = 20%
2
A
trr
Reverse Recovery Time
If = 625mA di/dt = 25A/µs
200
ns
tfr
Forward Recovery Time
50
ns
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTCS (Continued)


Similar Part No. - L6375D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
   0.5A high-side driver industrial intelligent power switch
L6375DTR STMICROELECTRONICS-L6375DTR Datasheet
330Kb / 16P
   0.5A high-side driver industrial intelligent power switch
More results

Similar Description - L6375D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1798 STMICROELECTRONICS-TDE1798_03 Datasheet
1Mb / 14P
   0.5A INTELLIGENT POWER SWITCH
TDE1798 STMICROELECTRONICS-TDE1798 Datasheet
174Kb / 14P
   0.5A INTELLIGENT POWER SWITCH
TDE1897R STMICROELECTRONICS-TDE1897R Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897C STMICROELECTRONICS-TDE1897C Datasheet
121Kb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375S STMICROELECTRONICS-L6375S Datasheet
465Kb / 17P
   0.5A high-side driver industrial intelligent power switch
TDE1897R STMICROELECTRONICS-TDE1897R_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
TDE1897C STMICROELECTRONICS-TDE1897C_03 Datasheet
1Mb / 12P
   0.5A HIGH-SIDE DRIVER INDUSTRIAL INTELLIGENT POWER SWITCH
L6375D STMICROELECTRONICS-L6375D Datasheet
330Kb / 16P
   0.5A high-side driver industrial intelligent power switch
L6377 STMICROELECTRONICS-L6377 Datasheet
91Kb / 11P
   0.5A HIGH-SIDE DRIVER INTELLIGENT POWER SWITCH
L6376 STMICROELECTRONICS-L6376 Datasheet
123Kb / 12P
   0.5A HIGH-SIDE DRIVER QUAD INTELLIGENT POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com