Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5KP48A Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 5KP48A
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

5KP48A Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  5KP48A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 5KP48A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 5KP48A Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 5KP48A Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIN
MAX
5KP5.0
6.40
7.30
50
5.0
2000
521
9.6
0.057
5KP5.0A
6.40
7.00
50
5.0
2000
543
9.2
0.057
5KP6.0
6.67
8.15
50
6.0
5000
439
11.4
0.061
5KP6.0A
6.67
7.37
50
6.0
5000
485
10.3
0.061
5KP6.5
7.22
8.8
50
6.5
2000
407
12.3
0.065
5KP6.5A
7.22
7.98
50
6.5
2000
446
11.2
0.065
5KP7.0
7.78
9.51
50
7.0
1000
376
13.3
0.068
5KP7.0A
7.78
8.60
50
7.0
1000
417
12.0
0.068
5KP7.5
8.33
10.2
5.0
7.5
250
350
14.3
0.073
5KP7.5A
8.33
9.21
5.0
7.5
250
388
12.9
0.073
5KP8.0
8.89
10.9
5.0
8.0
150
333
15.0
0.075
5KP8.0A
8.89
9.83
5.0
8.0
150
368
13.6
0.075
5KP8.5
9.44
11.5
5.0
8.5
50.0
314
15.9
0.078
5KP8.5A
9.44
10.4
5.0
8.5
50.0
347
14.4
0.078
5KP9.0
10.0
12.2
5.0
9.0
20.0
296
16.9
0.081
5KP9.0A
10.0
11.1
5.0
9.0
20.0
325
15.4
0.081
5KP10
11.1
13.6
5.0
10.0
15.0
266
18.8
0.084
5KP10A
11.1
12.3
5.0
10.0
15.0
294
17.0
0.084
5KP11
12.2
14.9
5.0
11.0
10.0
249
20.1
0.086
5KP11A
12.2
13.5
5.0
11.0
10.0
275
18.2
0.086
5KP12
13.3
16.3
5.0
12.0
10.0
227
22.0
0.088
5KP12A
13.3
14.7
5.0
12.0
10.0
251
19.9
0.088
5KP13
14.4
17.6
5.0
13.0
10.0
210
23.8
0.090
5KP13A
14.4
15.9
5.0
13.0
10.0
233
21.5
0.090
5KP14
15.6
19.1
5.0
14.0
10.0
194
25.8
0.092
5KP14A
15.6
17.2
5.0
14.0
10.0
216
23.2
0.092
5KP15
16.7
20.4
5.0
15.0
10.0
186
26.9
0.094
5KP15A
16.7
18.5
5.0
15.0
10.0
205
24.4
0.094
5KP16
17.8
21.8
5.0
16.0
10.0
174
28.8
0.096
5KP16A
17.8
19.7
5.0
16.0
10.0
192
26.0
0.096
5KP17
18.9
23.1
5.0
17.0
10.0
164
30.5
0.097
5KP17A
18.9
20.9
5.0
17.0
10.0
181
27.6
0.097
5KP18
20.0
24.4
5.0
18.0
10.0
155
32.2
0.098
5KP18A
20.0
22.1
5.0
18.0
10.0
171
29.2
0.098
5KP20
22.2
27.1
5.0
20.0
10.0
140
35.8
0.099
5KP20A
22.2
24.5
5.0
20.0
10.0
154
32.4
0.099
5KP22
24.4
29.8
5.0
22.0
10.0
127
39.4
0.100
5KP22A
24.4
26.9
5.0
22.0
10.0
141
35.5
0.100
5KP24
26.7
32.6
5.0
24.0
10.0
116
43.0
0.101
5KP24A
26.7
29.5
5.0
24.0
10.0
129
38.9
0.101
5KP26
28.9
35.3
5.0
26.0
10.0
107
46.6
0.101
5KP26A
28.9
31.9
5.0
26.0
10.0
119
42.1
0.101
5KP28
31.1
38.0
5.0
28.0
10.0
100
50.1
0.102
5KP28A
31.1
34.4
5.0
28.0
10.0
110
45.4
0.102
5KP30
33.3
40.7
5.0
30.0
10.0
93.5
53.5
0.103
5KP30A
33.3
36.8
5.0
30.0
10.0
103
48.4
0.103
5KP33
36.7
44.9
5.0
33.0
10.0
84.7
59.0
0.104
5KP33A
36.7
40.6
5.0
33.0
10.0
93.8
53.3
0.104
5KP36
40.0
48.9
5.0
36.0
10.0
77.8
64.3
0.104
5KP36A
40.0
44.2
5.0
36.0
10.0
86.1
58.1
0.104
5KP40
44.4
54.3
5.0
40.0
10.0
70.0
71.4
0.105
5KP40A
44.4
49.1
5.0
40.0
10.0
77.5
64.5
0.105
Maximum
Reverse
Leakge
at VWM ID
(µA)
Maximum
Pead Pulse
IPPM
(A)
Maximum
Clamping
Voltage at
IPPM
VC(V)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
Breakdown Voltage
V(BR)
(V)
Test
Current
at IT
(mA)
Stand-off
Voltage
VWM
(V)
ELECTRICAL CHARACTERISTICS at(TA=25℃ unless otherwise noted) TABLE 1
Device Type
Document Number 0285004
2.
www.galaxycn.com
BLGALAXYELECTRICAL


Similar Part No. - 5KP48A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
5KP48A VISHAY-5KP48A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Surge Components
5KP48A SURGE-5KP48A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
HuaXinAn Electronics CO...
5KP48A HUAXINAN-5KP48A Datasheet
357Kb / 5P
   Transient Voltage Suppressors
logo
Shenzhen Luguang Electr...
5KP48A LUGUANG-5KP48A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Pan Jit International I...
5KP48A PANJIT-5KP48A Datasheet
88Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP48A

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com