Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21009DFB825Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL21009DFB825Z
Description  High Voltage Input Precision, Low Noise FGA??Voltage References
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009DFB825Z Datasheet(HTML) 2 Page - Intersil Corporation

  ISL21009DFB825Z Datasheet HTML 1Page - Intersil Corporation ISL21009DFB825Z Datasheet HTML 2Page - Intersil Corporation ISL21009DFB825Z Datasheet HTML 3Page - Intersil Corporation ISL21009DFB825Z Datasheet HTML 4Page - Intersil Corporation ISL21009DFB825Z Datasheet HTML 5Page - Intersil Corporation ISL21009DFB825Z Datasheet HTML 6Page - Intersil Corporation ISL21009DFB825Z Datasheet HTML 7Page - Intersil Corporation ISL21009DFB825Z Datasheet HTML 8Page - Intersil Corporation ISL21009DFB825Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
FN6327.6
September 12, 2007
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
GND or NC
Can be either Ground or No Connect
2
VIN
Power Supply Input Connection
4
GND
Ground Connection
5
TRIM
Allows user trim typically ±2.5%. Leave Unconnected when unused.
6
VOUT
Voltage Reference Output Connection
3, 7, 8
DNC
Do Not Connect; Internal Connection – Must Be Left Floating
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
VOUT OPTION
(V)
GRADE
TEMP.
RANGE (°C)
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL21009BFB812Z
21009BF Z12
1.250
±0.5mV, 3ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21009CFB812Z
21009CF Z12
1.250
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21009DFB812Z
21009DF Z12
1.250
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21009BFB825Z
21009BF Z25
2.500
±0.5mV, 3ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21009CFB825Z
21009CF Z25
2.500
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21009DFB825Z
21009DF Z25
2.500
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21009BFB841Z
21009BF Z41
4.096
±0.5mV, 3ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21009CFB841Z
21009CF Z41
4.096
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21009DFB841Z
21009DF Z41
4.096
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21009BFB850Z
21009BF Z50
5.000
±0.5mV, 3ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21009CFB850Z
21009CF Z50
5.000
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21009DFB850Z
21009DF Z50
5.000
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
ISL21009


Similar Part No. - ISL21009DFB825Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21009DFB825Z INTERSIL-ISL21009DFB825Z Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21009DFB825Z INTERSIL-ISL21009DFB825Z Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009DFB825Z RENESAS-ISL21009DFB825Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL21009DFB825Z-TK INTERSIL-ISL21009DFB825Z-TK Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
More results

Similar Description - ISL21009DFB825Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21009MEP RENESAS-ISL21009MEP Datasheet
640Kb / 14P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
December 15, 2008
ISL21009 RENESAS-ISL21009 Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com