Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06-102B Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # BZW06-102B
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BZW06-102B Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  BZW06-102B Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BZW06-102B Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BZW06-102B Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GALAXY ELECTRICAL
FEATURES
◇ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
◇ Glass passivated junction
◇ 600W peak pulse power capability with a 10/1000µs
waveform, repetition rate (duty cycle): 0.01%
◇ Excellent clamping capability
◇ Fast response time: typically less than 1.0ps from 0 Volts to
V(BR) for uni-directional and 5.0ns for bi-directional types
◇ Devices with V(BR) ≥10V ID are typically ID less than 1.0 µA
◇ High temperature soldering guaranteed:265 ℃/ 10 seconds,
0.375"(9.5mm) lead length, 5
Ibs. (2.3kg) tension
MECHANICAL DATA
◇ Case:JEDEC DO--15, molded plastic body over
passivated junction
◇ Terminals: Axial leads, solderable per MIL-STD-750,
method 2026
◇ Polarity: Foruni-directional types the color band denotes
the cathode, which is postitive with respect to the
anode under normal TVS operation
◇ Weight: 0.014 ounces, 0.39 grams
◇ Mounting position: Any
(2) Mounted on copper pad area of 1.6 x 1.6” (40 x 40mm) per Fig. 5
Rating is 500W betw een 40V and 188V types. For a surge greater than the maximum values, the diode w ill short circuit.
NOTES: (1) Non-repetitive current pulse, per Fig. 3 and derated above T
A = 25°C per Fig. 2
Thermal resistance junction to lead
60
Operating junction and storage temperature range
TJ, TSTG
-
55---+175
A
RθJL
Peak forw ard surge current, 8.3ms single half
ffffSine-w ave superimposed on rated load (JEDEC Method)
Steady state pow er dissipation at TL=75℃
fffffLead lengths 0.375"(9.5mm) (NOTE 2)
PM(AV)
3.0
W
IFSM
100.0
Peak pulse current w ith a 10/1000µs w aveform (NOTE 1)
IPPM
SEE TABLE 1
A
Peak pow er sissipation w ith a 10/1000µs w aveform (NOTE 1, FIG.1)
PPPM
Minimum 600
W
TRANSIENT VOLTAGE SUPPRESSOR
BREAKDOWN VOLTAGE: 5.8 --- 376 V
PEAK PULSE POWER: 600 W
DO - 15
BZW06 --- SERIES
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bi-directional use add suffix letter "B" (e.g. BZW06P-6V4B).
Electrical characteristics apply in both directions.
UNIT
VALUE
SYMBOL
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
℃/W
junction to ambient lead = 10mm
R θJA
100
BLGALAXY ELECTRICAL
Document Number 0285008
1.
www.galaxycn.com
BL


Similar Part No. - BZW06-102B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-102B STMICROELECTRONICS-BZW06-102B Datasheet
172Kb / 6P
   TRANSIL
logo
EIC discrete Semiconduc...
BZW06-102B EIC-BZW06-102B Datasheet
49Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Taiwan Semiconductor Co...
BZW06-102B TSC-BZW06-102B Datasheet
82Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Shenzhen Taychipst Elec...
BZW06-102B TAYCHIPST-BZW06-102B Datasheet
3Mb / 3P
   Voltage regulator dides
logo
STMicroelectronics
BZW06-102B STMICROELECTRONICS-BZW06-102B Datasheet
176Kb / 6P
   TRANSIL
More results

Similar Description - BZW06-102B

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com