Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9208 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL9208
Description  Multi-Cell Li-ion Battery Pack OCP/Analog Front End
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9208 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL9208 Datasheet HTML 1Page - Intersil Corporation ISL9208 Datasheet HTML 2Page - Intersil Corporation ISL9208 Datasheet HTML 3Page - Intersil Corporation ISL9208 Datasheet HTML 4Page - Intersil Corporation ISL9208 Datasheet HTML 5Page - Intersil Corporation ISL9208 Datasheet HTML 6Page - Intersil Corporation ISL9208 Datasheet HTML 7Page - Intersil Corporation ISL9208 Datasheet HTML 8Page - Intersil Corporation ISL9208 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
FN6446.1
November 2, 2007
Absolute Maximum Ratings
Thermal Information
Power Supply Voltage, VCC . . . . . . . . . .VSS - 0.5V to VSS + 36.0V
Cell voltage, VCELL
VCELLN - (VCELLN-1), VCELL1-VSS . . . . . . . . . . . . . -0.5V to 5V
Terminal Voltage, VTERM1
(SCL, SDA, CSENSE, DSENSE, TEMPI, RGO, AO, TEMP3V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS - 0.5 to VRGO + 0.5V
Terminal Voltage, VTERM2 (CFET, VMON) . . . . VSS - 22.0V to VCC
Terminal Voltage, VTERM3 (WKUP)
. . . . . . . . . . . . . . . . . . . . . . . . . . . VSS - 0.5V to VCC (VCC <27V)
Terminal Voltage, VTERM4 (RGC) . . . . . . . . . . . . . VSS - 0.5V to 5V
Terminal Voltage, VTERM5, (all other pins)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS - 0.5V to VCC +0.5V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Supply Voltage Range (Typical). . . . . . . . . . . . . . . . . . . . 5V to 10V
Operating Voltage:
VCC pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9.2V to 30.1V
VCELL1-VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 4.3V
VCELLN-(VCELLN-1). . . . . . . . . . . . . . . . . . . . . . . . . 2.3V to 4.3V
Thermal Resistance (Typical, Notes 1, 2)
θJA (°C/W) θJC (°C/W)
32 Ld QFN . . . . . . . . . . . . . . . . . . . . . .
32
2
Continuous Package Power Dissipation . . . . . . . . . . . . . . . . . 400mW
Storage temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2.
θJC, “case temperature” location is at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
Operating Specifications Over the recommended operating conditions unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Operating Voltage
VCC
9.2
30.1
V
Power-Up Condition 1
VPORVCC VCC voltage (Note 3)
4
9.2
V
Power-Up Condition 2 Threshold
VPOR123 VCELL1 - VSS and VCELL2 - VCELL1 and
VCELL3 - VCELL2 (rising)
(Note 3)
1.1
1.7
2.3
V
Power-Up Condition 2 Hysteresis
VPORhys VCELL1 - VSS and VCELL2 - VCELL1 and
VCELL3 - VCELL2 (falling)
(Note 3)
70
mV
3.3V Regulated Voltage
VRGO
0µA < IRGC < 350µA
3.0
3.3
3.6
V
3.3VDC Voltage Regulator Control
Current Limit
IRGC
(Control current at output of RGC.
Recommend NPN with gain of 70+)
0.35
0.50
mA
VCC Supply Current
IVCC1
Power-up defaults, WKUP pin = 0V.
400
510
µA
RGO Supply Current
IRGO1
Power-up defaults, WKUP pin = 0V.
300
410
µA
VCC Supply Current
IVCC2
LDMONEN bit = 1, VMON floating,
CFET = 1, DFET=1, WKPOL bit = 1,
VWKUP = 10V, [AO3:AO0] bits = 03H.
500
700
µA
RGO Supply Current
IRGO2
LDMONEN bit = 1, VMON floating,
CFET = 1, DFET=1, WKPOL bit = 1,
VWKUP = 10V, [AO3:AO0] bits = 03H.
450
650
µA
VCC Supply Current
IVCC3
Default register settings, except
SLEEP bit = 1. WKUP pin = VCELL1
10
µA
RGO Supply Current
IRGO3
Default register settings, except
SLEEP bit = 1. WKUP pin = VCELL1
1µA
VCELL Input Current (VCELL1)IVCELL1 AO3:AO0 bits = 0000H
14
µA
ISL9208


Similar Part No. - ISL9208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
logo
Renesas Technology Corp
ISL9208 RENESAS-ISL9208 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
logo
Intersil Corporation
ISL9208IRZ INTERSIL-ISL9208IRZ Datasheet
502Kb / 29P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
logo
Renesas Technology Corp
ISL9208IRZ RENESAS-ISL9208IRZ Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
More results

Similar Description - ISL9208

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL94200 INTERSIL-ISL94200 Datasheet
422Kb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL9208 INTERSIL-ISL9208 Datasheet
502Kb / 29P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
logo
Renesas Technology Corp
ISL9208 RENESAS-ISL9208 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front End
November 2, 2007
ISL94200 RENESAS-ISL94200 Datasheet
1Mb / 28P
   Multi-Cell Li-ion Battery Pack OCP/Analog Front-End
ISL94201 RENESAS-ISL94201 Datasheet
801Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
logo
Intersil Corporation
ISL94201 INTERSIL-ISL94201 Datasheet
301Kb / 19P
   Multi-Cell Li-ion Battery Pack Analog Front-End
ISL94208 INTERSIL-ISL94208_14 Datasheet
916Kb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
June 21, 2013
logo
Renesas Technology Corp
ISL94208 RENESAS-ISL94208 Datasheet
1Mb / 36P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
logo
Intersil Corporation
ISL94208 INTERSIL-ISL94208 Datasheet
955Kb / 37P
   4- to 6-Cell Li-ion Battery Management Analog Front-End
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
   Multi-Cell Li-Ion Battery Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com