Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL21007CFB825Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL21007CFB825Z
Description  Precision, Low Noise FGA?줧oltage References
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21007CFB825Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL21007CFB825Z Datasheet HTML 1Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 2Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 3Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 4Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 5Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 6Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 7Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 8Page - Intersil Corporation ISL21007CFB825Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
FN6326.7
December 13, 2007
Absolute Voltage Ratings
Thermal Information
Storage Temperature Range . . . . . . . . . . . . . . . . . .-65°C to +150°C
Max Voltage VIN to GND . . . . . . . . . . . . . . . . . . . . . . -0.5V to +6.5V
Max Voltage VOUT to GND (10s) . . . . . . . . . . . . . .-0.5V to VOUT + 1
Voltage on “DNC” pins . . . . No connections permitted to these pins.
ESD Rating
Human Body Model (HBM) . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV
Machine Model (MM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .600V
Charged Device Model (CDM) . . . . . . . . . . . . . . . . . . . . . . . . . 2kV
Recommended Operating Conditions
Temperature Range (Industrial) . . . . . . . . . . . . . . . .-40°C to +125°C
Thermal Resistance (Typical, Note 3)
θ
JA (°C/W)
8 Ld SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
113.12
Continuous Power Dissipation (Note 3) . . . . . . . . . . . . . TA = +70°C
8 Ld SOIC derate 5.88mW/°C above +70°C . . . . . . . . . . . . 471mW
Pb-free reflow profile. . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at
the specified temperature and are pulsed tests, therefore: TJ = TC = TA
NOTE:
3.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Common Electrical Specifications (ISL21007-12, -20, -25, -30) TA = -40°C to +125°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOA
VOUT Accuracy @ TA = +25°C
ISL21007B
-0.5
+0.5
mV
ISL21007C
-1.0
+1.0
mV
ISL21007D
-2.0
+2.0
mV
TC VOUT
Output Voltage Temperature
Coefficient (Note 4)
ISL21007B
3
ppm/°C
ISL21007C
5
ppm/°C
ISL21007D
10
ppm/°C
IIN
Supply Current
75
150
µA
Trim Range
±2.0
±2.5
%
tR
Turn-on Settling Time
VOUT = ±0.1%
120
µs
Ripple Rejection
f = 10kHz
60
dB
eN
Output Voltage Noise
0.1Hz
≤ f ≤ 10Hz
4.5
µVP-P
VN
Broadband Voltage Noise
10Hz
≤ f ≤ 1kHz
2.2
µVRMS
Noise Density
f = 1kHz
60
nV/
√Hz
Electrical Specifications (ISL21007-12, VOUT = 1.250V) VIN = 3.0V, TA = -40°C to +125°C, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input Voltage Range
2.7
5.5
V
VOUT
Output Voltage
1.250
V
ΔV
OUT /ΔVIN
Line Regulation
2.7V < VIN < 5.5V
100
700
µV/V
ΔV
OUT/ΔIOUT
Load Regulation
Sourcing: 0mA
≤ I
OUT ≤ 7mA
10
100
µV/mA
Sinking: -7mA
≤ I
OUT ≤ 0mA
20
150
µV/mA
ISC
Short Circuit Current
TA = +25°C, VOUT tied to GND
40
mA
ΔV
OUT/ΔTA
Thermal Hysteresis (Note 5)
ΔT
A = +165°C
50
ppm
ΔV
OUT/Δt
Long Term Stability (Note 6)
TA = +25°C
100
ppm
ISL21007


Similar Part No. - ISL21007CFB825Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21007CFB825Z INTERSIL-ISL21007CFB825Z Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL21007CFB825Z INTERSIL-ISL21007CFB825Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21007CFB825Z RENESAS-ISL21007CFB825Z Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
More results

Similar Description - ISL21007CFB825Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21009 INTERSIL-ISL21009 Datasheet
326Kb / 13P
   Precision, Low Noise FGA??Voltage References
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
logo
Intersil Corporation
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21060 RENESAS-ISL21060 Datasheet
2Mb / 21P
   Precision, Low Noise FGA™ Voltage References with Disable
December 19, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com