Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8324IBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL8324IBZ
Description  Low-Voltage, Single Supply, Dual SPST Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8324IBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL8324IBZ Datasheet HTML 2Page - Intersil Corporation ISL8324IBZ Datasheet HTML 3Page - Intersil Corporation ISL8324IBZ Datasheet HTML 4Page - Intersil Corporation ISL8324IBZ Datasheet HTML 5Page - Intersil Corporation ISL8324IBZ Datasheet HTML 6Page - Intersil Corporation ISL8324IBZ Datasheet HTML 7Page - Intersil Corporation ISL8324IBZ Datasheet HTML 8Page - Intersil Corporation ISL8324IBZ Datasheet HTML 9Page - Intersil Corporation ISL8324IBZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Die Characteristics
DIE DIMENSIONS:
ISL832X:
54 mils x 28 mils (1370
µm x 710µm)
METALLIZATION:
Type: Metal 1: AISi(1%)
Thickness: Metal 1: 8k
Å
Type: Metal 2: AISi (1%)
Thickness: Metal 2: 10k
Å
SUBSTRATE POTENTIAL (POWERED UP):
GND
PASSIVATION:
Type: Silox
Thickness: 13k
Å
TRANSISTOR COUNT:
ISL8323: 66
ISL8324: 66
ISL8325: 66
PROCESS:
Si Gate CMOS
ISL8323, ISL8324, ISL8325


Similar Part No. - ISL8324IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8324IBZ RENESAS-ISL8324IBZ Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results

Similar Description - ISL8324IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741_06 Datasheet
661Kb / 12P
   0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
   0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com