Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS15MB200 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS15MB200
Description  Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS15MB200 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DS15MB200 Datasheet HTML 2Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 3Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 4Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 5Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 6Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 7Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 8Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 9Page - National Semiconductor (TI) DS15MB200 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Interfacing LVDS to LVPECL
An LVDS driver consists of a current source (nominal 3.5mA)
which drives a CMOS differential pair. It needs a differential
resistive load in the range of 70 to 130 ohms to generate
LVDS levels. In a system, the load should be selected to
match transmission line characteristic differential impedance
so that the line is properly terminated. The termination resis-
tor should be placed as close to the receiver inputs as
possible. When interfacing an LVDS driver with a non-LVDS
receiver, one only needs to bias the LVDS signal so that it is
within the common mode range of the receiver. This may be
done by using separate biasing voltage which demands
another power supply. Some receivers have required biasing
voltage available on-chip (V
T,VTT or VBB).
Figure 4 illustrates interface between an LVDS driver and a
LVPECL with a V
T pin available. R1 and R2, if not present in
the receiver (Note 16), provide proper resistive load for the
driver and termination for the transmission line, and V
T sets
desired bias for the receiver.
Figure 5 illustrates AC coupled interface between an LVDS
driver and LVPECL receiver without a V
T pin available. The
resistors R1, R2, R3, and R4, if not present in the receiver
(Note 16), provide a load for the driver, terminate the trans-
mission line, and bias the signal for the receiver.
Note 16: The bias networks shown above for LVPECL drivers and receivers
may or may not be present within the driver device. The LVPECL driver and
receiver specification must be reviewed closely to ensure compatibility be-
tween the driver and receiver terminations and common mode operating
ranges.
Packaging Information
The Leadless Leadframe Package (LLP) is a leadframe
based chip scale package (CSP) that may enhance chip
speed, reduce thermal impedance, and reduce the printed
circuit board area required for mounting. The small size and
very low profile make this package ideal for high density
PCBs used in small-scale electronic applications such as
cellular phones, pagers, and handheld PDAs. The LLP pack-
age is offered in the no Pullback configuration. In the no
Pullback configuration the standard solder pads extend and
terminate at the edge of the package. This feature offers a
visible solder fillet after board mounting.
The LLP has the following advantages:
Low thermal resistance
Reduced electrical parasitics
Improved board space efficiency
Reduced package height
Reduced package mass
For more details about LLP packaging technology, refer to
applications note AN-1187, "Leadless Leadframe Package"
20157363
FIGURE 4. DC Coupled LVDS to LVPECL Interface
20157364
FIGURE 5. AC Coupled LVDS to LVPECL Interface
www.national.com
9


Similar Part No. - DS15MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200 TI1-DS15MB200 Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
National Semiconductor ...
DS15MB200TSQ NSC-DS15MB200TSQ Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200TSQ TI1-DS15MB200TSQ Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
DS15MB200TSQ/NOPB TI1-DS15MB200TSQ/NOPB Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
More results

Similar Description - DS15MB200

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200 NSC-DS15MB200 Datasheet
581Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
National Semiconductor ...
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200 TI1-SCAN15MB200_15 Datasheet
774Kb / 20P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
[Old version datasheet]   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com