Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5172ISZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5172ISZ
Description  250MHz Differential Line Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5172ISZ Datasheet(HTML) 5 Page - Intersil Corporation

  EL5172ISZ Datasheet HTML 1Page - Intersil Corporation EL5172ISZ Datasheet HTML 2Page - Intersil Corporation EL5172ISZ Datasheet HTML 3Page - Intersil Corporation EL5172ISZ Datasheet HTML 4Page - Intersil Corporation EL5172ISZ Datasheet HTML 5Page - Intersil Corporation EL5172ISZ Datasheet HTML 6Page - Intersil Corporation EL5172ISZ Datasheet HTML 7Page - Intersil Corporation EL5172ISZ Datasheet HTML 8Page - Intersil Corporation EL5172ISZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN7311.8
January 25, 2008
Pin Descriptions
EL5172
EL5372
PIN NAME
PIN FUNCTION
1
FB
Feedback input
2
IN+
Non-inverting input
3
IN-
Inverting input
4
REF
Sets the common mode output voltage level
5EN
Enabled when this pin is floating or the applied voltage
≤ VS+ - 1.5
6
VS+
Positive supply voltage
7
VS-
Negative supply voltage
8
OUT
Output voltage
1, 5, 9
REF1, 2, 3
Reference input, controls common-mode output voltage
2, 6, 10
INP1, 2, 3
Non-inverting inputs
3, 7, 11
INN1, 2, 3
Inverting inputs
4, 8, 12, 18, 21, 24
NC
No connect; grounded for best crosstalk performance
13, 16, 22
OUT1, 2, 3
Non-inverting outputs
14, 17, 23
FB1, 2, 3
Feedback from outputs
15
EN
Enabled when this pin is floating or the applied voltage
≤ V
S+ - 1.5
19
VSN
Negative supply
20
VSP
Positive supply
EL5172, EL5372


Similar Part No. - EL5172ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5172ISZ INTERSIL-EL5172ISZ Datasheet
419Kb / 15P
   250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5172ISZ RENESAS-EL5172ISZ Datasheet
751Kb / 16P
   250MHz Differential Line Receivers
logo
Intersil Corporation
EL5172ISZ-T13 INTERSIL-EL5172ISZ-T13 Datasheet
419Kb / 15P
   250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5172ISZ-T13 RENESAS-EL5172ISZ-T13 Datasheet
751Kb / 16P
   250MHz Differential Line Receivers
logo
Intersil Corporation
EL5172ISZ-T7 INTERSIL-EL5172ISZ-T7 Datasheet
419Kb / 15P
   250MHz Differential Line Receivers
More results

Similar Description - EL5172ISZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5172 INTERSIL-EL5172 Datasheet
419Kb / 15P
   250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5172 RENESAS-EL5172 Datasheet
751Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com