Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5164IS Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5164IS
Description  600MHz Current Feedback Amplifiers with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5164IS Datasheet(HTML) 5 Page - Intersil Corporation

  EL5164IS Datasheet HTML 1Page - Intersil Corporation EL5164IS Datasheet HTML 2Page - Intersil Corporation EL5164IS Datasheet HTML 3Page - Intersil Corporation EL5164IS Datasheet HTML 4Page - Intersil Corporation EL5164IS Datasheet HTML 5Page - Intersil Corporation EL5164IS Datasheet HTML 6Page - Intersil Corporation EL5164IS Datasheet HTML 7Page - Intersil Corporation EL5164IS Datasheet HTML 8Page - Intersil Corporation EL5164IS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
FN7389.8
October 29, 2007
Typical Performance Curves
FIGURE 1. FREQUENCY RESPONSE FOR VARIOUS
RF AND CL
FIGURE 2. FREQUENCY RESPONSE FOR VARIOUS RF
FIGURE 3. FREQUENCY RESPONSE FOR VARIOUS RF
FIGURE 4. FREQUENCY RESPONSE FOR VARIOUS RF
FIGURE 5. FREQUENCY RESPONSE FOR VARIOUS POWER
SUPPLY VOLTAGES
FIGURE 6. RISE TIME (ns)
1M
100M
1G
FREQUENCY (Hz)
100k
1
0
-1
-2
-3
-4
-5
2
3
4
5
10M
RF = 1.2k, C L= 5pF
RF = 1.2k, CL = 3.5pF
RF = 1.2k, CL = 2.5pF
RF = 1.2k, CL = 0.8pF
RF = 1.5k, CL = 0.8pF
RF = 2.2k, CL = 0.8pF
RF = 1.8k, CL = 0.8pF
VCC, VEE = ±5V
AV = +2
1M
100M
1G
FREQUENCY (Hz)
100k
1
0
-1
-2
-3
-4
-5
2
3
4
5
10M
RF = 160, RG = 41
RF = 220, RG = 55
RF = 300, RG = 75
RF = 360, RG = 87
RF = 397, RG = 97
RF = 412, RG = 100
RF = 560, RG = 135
VCC, VEE = ±5V
CL = 2.5pF
AV = +5
1M
100M
1G
FREQUENCY (Hz)
100k
2
1
0
-1
-2
-3
-4
3
4
5
6
10M
RF = 510Ω
RF = 681Ω
RF = 750Ω
RF = 909Ω
RF = 1201Ω
VCC, VEE = ±5V
CL = 2.5pF
AV = +1
1M
100M
1G
FREQUENCY (Hz)
100k
2
1
0
-1
-2
-3
-4
3
4
5
6
10M
VCC = +5V
VEE = -5V
CL = 5pF
AV = +2
RL = 150Ω
RF = 562Ω
RF = 412Ω
RF = 681Ω
RF = 866Ω
RF = 1.2kΩ
RF = 1.5kΩ
100k
FREQUENCY (Hz)
10M
100M
1G
1
0
-1
-2
-3
-4
-5
2
3
4
5
1M
2.5V
3V
4V
5V
6V
VCC, VEE=
RL = 150Ω
RF = 422Ω
RG = 422Ω
INPUT
OUTPUT
VCC, VEE = ±5 V
AV = +2
RL = 150Ω
ns
2V/DIV
1V/DIV
EL5164, EL5165, EL5364


Similar Part No. - EL5164IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5164IS INTERSIL-EL5164IS Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164IS INTERSIL-EL5164IS Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164IS-T13 INTERSIL-EL5164IS-T13 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164IS-T13 INTERSIL-EL5164IS-T13 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164IS-T7 INTERSIL-EL5164IS-T7 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5164IS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com