Electronic Components Datasheet Search |
|
EL5150 Datasheet(PDF) 3 Page - Intersil Corporation |
|
EL5150 Datasheet(HTML) 3 Page - Intersil Corporation |
3 / 18 page 3 FN7384.7 January 16, 2008 Absolute Maximum Ratings (TA = +25°C) Thermal Information Supply Voltage between VS and VS- . . . . . . . . . . . . . . . . . . . . 13.2V Slewrate of Voltage between VS and VS- . . . . . . . . . . . . . . . . 1V/µs Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 40mA Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.5V to VS + 0.5V Current into IN+, IN-, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA Electrical Specifications VS+ = +5V, VS- = -5V, RL = 150Ω, TA = +25°C, unless otherwise specified. PARAMETER DESCRIPTION CONDITIONS MIN TYP MAX UNIT AC PERFORMANCE BW -3dB Bandwidth AV = +1, RL = 500Ω 200 MHz AV = +2, RL = 150Ω 40 MHz GBWP Gain Bandwidth Product AV = 500 40 MHz BW1 0.1dB Bandwidth AV = +1, RL = 500Ω 10 MHz SR Slew Rate VO = ±2.5V, AV = +2 50 67 V/µs VO = ±3.0V, AV = 1, RL = 500Ω 100 V/µs tS 0.1% Settling Time VOUT = -1V to +1V, AV = -2 80 ns dG Differential Gain Error (Note 1) AV = +2, RL = 150Ω 0.04 % dP Differential Phase Error (Note 1) AV = +2, RL = 150Ω 0.9 ° VN Input Referred Voltage Noise 12 nV/ √Hz IN Input Referred Current Noise 1.0 pA/ √Hz DC PERFORMANCE VOS Offset Voltage -1 0.5 1 mV TCVOS Input Offset Voltage Temperature Coefficient Measured from TMIN to TMAX -2 µV/°C AVOL Open Loop Gain 15 56 kV/V INPUT CHARACTERISTICS CMIR Common Mode Input Range Guaranteed by CMRR test -3.5 +3.5 V CMRR Common Mode Rejection Ratio 85 100 dB IB Input Bias Current -100 20 +100 nA IOS Input Offset Current -30 6 30 nA RIN Input Resistance 80 170 M Ω CIN Input Capacitance 1pF OUTPUT CHARACTERISTICS VOUT Output Voltage Swing Low RL = 150Ω to GND ±2.5 ±2.8 V RL = 500Ω to GND ±3.1 ±3.4 V IOUT Output Current RL = 10Ω to GND ±40 ±70 mA EL5150, EL5151, EL5250, EL5251, EL5451 |
Similar Part No. - EL5150_08 |
|
Similar Description - EL5150_08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |