Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5172IYZ-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5172IYZ-T7
Description  250MHz Differential Line Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5172IYZ-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5172IYZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5172IYZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5172IYZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5172IYZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5172IYZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5172IYZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5172IYZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5172IYZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5172IYZ-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN7311.8
January 25, 2008
FIGURE 7. FREQUENCY RESPONSE FOR VREF
FIGURE 8. OPEN LOOP GAIN
FIGURE 9. OUTPUT IMPEDANCE vs FREQUENCY
FIGURE 10. PSRR vs FREQUENCY
FIGURE 11. CMRR vs FREQUENCY
FIGURE 12. VOLTAGE AND CURRENT NOISE vs FREQUENCY
Typical Performance Curves (Continued)
4
3
1
0
-2
-3
-5
-6
10M
100M
1G
FREQUENCY (Hz)
-4
-1
2
1M
VS = ±2.5V
VS = ±5V
AV = 1, RL = 500Ω, CL = 2.7pF
60
50
30
20
0
-10
-30
-40
100k
10M
500M
FREQUENCY (Hz)
-20
10
40
10k
1M
100M
270
225
135
90
0
-45
-135
-180
-90
45
180
100
10
1
0.1
100k
1M
100M
FREQUENCY (Hz)
10k
10M
0
-10
-30
-50
-60
-80
-90
10k
1M
100M
FREQUENCY (Hz)
-70
-40
-20
1k
100k
10M
PSRR+
PSRR-
1M
100M
FREQUENCY (Hz)
100k
10M
1G
100
90
70
60
40
30
10
0
20
50
80
1k
100
10
1
100
100k
10M
FREQUENCY (Hz)
10
10k
1M
1k
EN
IN
EL5172, EL5372


Similar Part No. - EL5172IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5172IYZ-T7 INTERSIL-EL5172IYZ-T7 Datasheet
419Kb / 15P
   250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5172IYZ-T7 RENESAS-EL5172IYZ-T7 Datasheet
751Kb / 16P
   250MHz Differential Line Receivers
More results

Similar Description - EL5172IYZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5172 INTERSIL-EL5172 Datasheet
419Kb / 15P
   250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5172 RENESAS-EL5172 Datasheet
751Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com