Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5164IW-T7A Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5164IW-T7A
Description  600MHz Current Feedback Amplifiers with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5164IW-T7A Datasheet(HTML) 3 Page - Intersil Corporation

  EL5164IW-T7A Datasheet HTML 1Page - Intersil Corporation EL5164IW-T7A Datasheet HTML 2Page - Intersil Corporation EL5164IW-T7A Datasheet HTML 3Page - Intersil Corporation EL5164IW-T7A Datasheet HTML 4Page - Intersil Corporation EL5164IW-T7A Datasheet HTML 5Page - Intersil Corporation EL5164IW-T7A Datasheet HTML 6Page - Intersil Corporation EL5164IW-T7A Datasheet HTML 7Page - Intersil Corporation EL5164IW-T7A Datasheet HTML 8Page - Intersil Corporation EL5164IW-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
FN7389.8
October 29, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . 13.2V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V
Supply Slewrate between VS+ and VS- . . . . . . . . . . . . . 1V/µs (Max)
VIN-DIFF (VIN+ - VIN-) (When Disabled) . . . . . . . . . . . . . .±2V (Max)
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RF = 375Ω for AV = 2, RL = 150Ω, VENABLE = VS+ - 1V,
TA = +25°C unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 2)
TYP
MAX
(Note 2)
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1, RL = 500Ω, RF = 510Ω
600
MHz
AV = +2, RL = 150Ω, RF = 412Ω
450
MHz
BW1
0.1dB Bandwidth
AV = +2, RL = 150Ω, RF = 412Ω
50
MHz
SR
Slew Rate
VOUT = -3V to +3V, AV = +2,
RL = 100Ω (EL5164, EL5165)
3500
4700
7000
V/µs
VOUT = -3V to +3V, AV = +2,
RL = 100Ω (EL5364)
3000
4200
6000
V/µs
tS
0.1% Settling Time
VOUT = -2.5V to +2.5V, AV = +2,
RF = RG = 1kΩ
15
ns
eN
Input Voltage Noise
f = 1MHz
2.1
nV/
√Hz
iN-
IN- Input Current Noise
f = 1MHz
13
pA/
√Hz
iN+
IN+ Input Current Noise
f = 1MHz
13
pA/
√Hz
HD2
5MHz, 2.5VP-P
-81
dBc
HD3
5MHz, 2.5VP-P
-74
dBc
dG
Differential Gain Error (Note 1)
AV = +2
0.01
%
dP
Differential Phase Error (Note 1)
AV = +2
0.01
°
DC PERFORMANCE
VOS
Offset Voltage
-5
1.5
+5
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
6µV/°C
ROL
Transimpedance
1.1
3
M
Ω
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
Guaranteed by CMRR test
±3
±3.3
V
CMRR
Common Mode Rejection Ratio
VIN = ±3V
50
62
75
dB
-ICMR
- Input Current Common Mode Rejection
-1
0.1
+1
µA/V
+IIN
+ Input Current
-10
2
+10
µA
-IIN
- Input Current
-10
2
+10
µA
RIN
Input Resistance
+ Input
300
650
1200
k
Ω
CIN
Input Capacitance
1pF
EL5164, EL5165, EL5364


Similar Part No. - EL5164IW-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5164IW-T7A INTERSIL-EL5164IW-T7A Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164IW-T7A INTERSIL-EL5164IW-T7A Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5164IW-T7A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5192 INTERSIL-EL5192 Datasheet
386Kb / 17P
   600MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5192 RENESAS-EL5192 Datasheet
934Kb / 20P
   600MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5192 INTERSIL-EL5192_07 Datasheet
414Kb / 20P
   600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A_06 Datasheet
368Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292_07 Datasheet
342Kb / 16P
   Dual 600MHz Current Feedback Amplifier with Enable
EL5392A INTERSIL-EL5392A Datasheet
580Kb / 14P
   Triple 600MHz Current Feedback Amplifier with Enable
EL5292 INTERSIL-EL5292 Datasheet
580Kb / 14P
   Dual 600MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com