Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5166IWZ-T7A Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5166IWZ-T7A
Description  1.4GHz Current Feedback Amplifiers with Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5166IWZ-T7A Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5166IWZ-T7A Datasheet HTML 4Page - Intersil Corporation EL5166IWZ-T7A Datasheet HTML 5Page - Intersil Corporation EL5166IWZ-T7A Datasheet HTML 6Page - Intersil Corporation EL5166IWZ-T7A Datasheet HTML 7Page - Intersil Corporation EL5166IWZ-T7A Datasheet HTML 8Page - Intersil Corporation EL5166IWZ-T7A Datasheet HTML 9Page - Intersil Corporation EL5166IWZ-T7A Datasheet HTML 10Page - Intersil Corporation EL5166IWZ-T7A Datasheet HTML 11Page - Intersil Corporation EL5166IWZ-T7A Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN7365.5
May 15, 2007
FIGURE 21. TURN ON TIME (EL5166)
FIGURE 22. TURN OFF TIME (EL5166)
FIGURE 23. SUPPLY CURRENT vs SUPPLY VOLTAGE (EL5166)
FIGURE 24. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 25. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
8.5
8.4
8.3
8.2
8.1
7.4
2.5
3
3.5
4
5
6
SUPPLY VOLTAGE (V)
5.5
4.5
7.9
8
7.8
7.7
7.6
IS
7.5
IS-
909mW
1.4
1.2
1
0.8
0.6
0.2
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.4
435mW
θJA=110°C/W
SO8
θJA=230°C/W
SOT23-5/6
625mW
θJA=160°C/W
SO8
1
0.9
0.8
0.6
0.4
0.1
0
0
25
50
75
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
391mW
θJA=256°C/W
SOT23-5/6
EL5166, EL5167


Similar Part No. - EL5166IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5166IWZ-T7A INTERSIL-EL5166IWZ-T7A Datasheet
1Mb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166IWZ-T7A INTERSIL-EL5166IWZ-T7A Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166IWZ-T7A RENESAS-EL5166IWZ-T7A Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5166IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166 INTERSIL-EL5166_05 Datasheet
1Mb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com