Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5132 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5132
Description  670MHz Low Noise Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5132 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5132 Datasheet HTML 5Page - Intersil Corporation EL5132 Datasheet HTML 6Page - Intersil Corporation EL5132 Datasheet HTML 7Page - Intersil Corporation EL5132 Datasheet HTML 8Page - Intersil Corporation EL5132 Datasheet HTML 9Page - Intersil Corporation EL5132 Datasheet HTML 10Page - Intersil Corporation EL5132 Datasheet HTML 11Page - Intersil Corporation EL5132 Datasheet HTML 12Page - Intersil Corporation EL5132 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN7382.8
May 4, 2007
FIGURE 31. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 32. SLEW RATE vs SUPPLY VOLTAGES
FIGURE 33. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 34. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
10.2
10.4
10.6
10.8
11.0
11.2
11.4
11.6
11.8
12.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
RG = 25Ω
RL = 500Ω
CL = +1pF
10.0
Please note that the curve showed
positive current. The negative
current was almost the same.
300
400
500
600
700
800
900
1000
1100
1200
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGES (±V)
NEGATIVE SLEW RATE
AV = +10
RG = 25Ω
RL = 500Ω
CL = +1pF
VOUT = 4VP-P
POSITIVE SLEW RATE
909mW
θ
JA = +110°C/W
SO8
1.4
1.2
1
0.8
0.6
0.2
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-7 HIGH EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.4
435mW
θJA = +230°C/W
SOT23-5
625mW
SO8
1
0.9
0.8
0.6
0.4
0.1
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE
THERMAL CONDUCTIVITY TEST BOARD
0.2
0.7
0.3
0.5
391mW
θJA = +160°C/W
θJA = +256°C/W
SOT23-5
EL5132, EL5133


Similar Part No. - EL5132

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Intersil Corporation
EL5132IS INTERSIL-EL5132IS Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
EL5132IS INTERSIL-EL5132IS Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
More results

Similar Description - EL5132

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623601QPC INTERSIL-5962-0623601QPC Datasheet
100Kb / 3P
   670MHz Low Noise Amplifiers
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132_07 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com