Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5160IW-T7 Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5160IW-T7
Description  200MHz Low-Power Current Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5160IW-T7 Datasheet(HTML) 3 Page - Intersil Corporation

  EL5160IW-T7 Datasheet HTML 1Page - Intersil Corporation EL5160IW-T7 Datasheet HTML 2Page - Intersil Corporation EL5160IW-T7 Datasheet HTML 3Page - Intersil Corporation EL5160IW-T7 Datasheet HTML 4Page - Intersil Corporation EL5160IW-T7 Datasheet HTML 5Page - Intersil Corporation EL5160IW-T7 Datasheet HTML 6Page - Intersil Corporation EL5160IW-T7 Datasheet HTML 7Page - Intersil Corporation EL5160IW-T7 Datasheet HTML 8Page - Intersil Corporation EL5160IW-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
FN7387.9
May 7, 2007
EL5360IU-T13
5360IU
13”
16 Ld QSOP (150 mil)
MDP0040
EL5360IUZ (Note)
5360IUZ
-
16 Ld QSOP (150 mil) (Pb-Free)
MDP0040
EL5360IUZ-T7 (Note)
5360IUZ
7”
16 Ld QSOP (150 mil) (Pb-Free)
MDP0040
EL5360IUZ-T13 (Note)
5360IUZ
13”
16 Ld QSOP (150 mil) (Pb-Free)
MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Ordering Information (Continued)
PART NUMBER
PART MARKING
TAPE & REEL
PACKAGE
PKG.
DWG. #
EL5160, EL5161, EL5260, EL5261, EL5360


Similar Part No. - EL5160IW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160IW-T7 INTERSIL-EL5160IW-T7 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5160IW-T7A INTERSIL-EL5160IW-T7A Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5160IW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com