Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5370IU-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5370IU-T7
Description  100MHz Differential Twisted-Pair Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5370IU-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5370IU-T7 Datasheet HTML 4Page - Intersil Corporation EL5370IU-T7 Datasheet HTML 5Page - Intersil Corporation EL5370IU-T7 Datasheet HTML 6Page - Intersil Corporation EL5370IU-T7 Datasheet HTML 7Page - Intersil Corporation EL5370IU-T7 Datasheet HTML 8Page - Intersil Corporation EL5370IU-T7 Datasheet HTML 9Page - Intersil Corporation EL5370IU-T7 Datasheet HTML 10Page - Intersil Corporation EL5370IU-T7 Datasheet HTML 11Page - Intersil Corporation EL5370IU-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN7309.7
May 7, 2007
FIGURE 13. VCOM TRANSIENT RESPONSE
FIGURE 14. LARGE SIGNAL TRANSIENT RESPONSE
FIGURE 15. SMALL SIGNAL TRANSIENT RESPONSE
FIGURE 16. DISABLED RESPONSE
FIGURE 17. ENABLED RESPONSE
FIGURE 18. PACKAGE POWER DISSIPATION vs AMBIENT
TEMPERATURE
Typical Performance Curves (Continued)
40ns/DIV
0.5V/DIV
20ns/DIV
500mV/DIV
20ns/DIV
100mV/DIV
486mW
θJA=206°C/W
MSOP8
870mW
θJA=115°C/W
QSOP24
1.2
1
0.8
0.6
0.4
0
0
255075
100
150
AMBIENT TEMPERATURE (°C)
125
85
JEDEC JESD51-3 LOW EFFECTIVE THERMAL
CONDUCTIVITY TEST BOARD
0.2
625mW
θJA=160°C/W
SO8
EL5170, EL5370


Similar Part No. - EL5370IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5370IU-T7 INTERSIL-EL5370IU-T7 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
More results

Similar Description - EL5370IU-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
   100MHz Differential Twisted-Pair Drivers
EL5170 INTERSIL-EL5170 Datasheet
395Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5170 RENESAS-EL5170 Datasheet
720Kb / 14P
   100MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
   700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
   250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
   700MHz Differential Twisted-Pair Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com