Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5167ICZ-T7A Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5167ICZ-T7A
Description  1.4GHz Current Feedback Amplifiers with Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5167ICZ-T7A Datasheet(HTML) 1 Page - Intersil Corporation

  EL5167ICZ-T7A Datasheet HTML 1Page - Intersil Corporation EL5167ICZ-T7A Datasheet HTML 2Page - Intersil Corporation EL5167ICZ-T7A Datasheet HTML 3Page - Intersil Corporation EL5167ICZ-T7A Datasheet HTML 4Page - Intersil Corporation EL5167ICZ-T7A Datasheet HTML 5Page - Intersil Corporation EL5167ICZ-T7A Datasheet HTML 6Page - Intersil Corporation EL5167ICZ-T7A Datasheet HTML 7Page - Intersil Corporation EL5167ICZ-T7A Datasheet HTML 8Page - Intersil Corporation EL5167ICZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN7365.5
EL5166, EL5167
1.4GHz Current Feedback Amplifiers with
Enable
The EL5166 and EL5167 amplifiers are of the current
feedback variety and exhibit a very high bandwidth of
1.4GHz at AV = +1 and 800MHz at AV = +2. This makes
these amplifiers ideal for today's high speed video and
monitor applications, as well as a number of RF and IF
frequency designs.
With a supply current of just 8.5mA and the ability to run
from a single supply voltage from 5V to 12V, these amplifiers
offer very high performance for little power consumption.
The EL5166 also incorporates an enable and disable
function to reduce the supply current to 13µA typical per
amplifier. Allowing the CE pin to float or applying a low logic
level will enable the amplifier.
The EL5167 is offered in the 5 Ld SOT-23 package and the
EL5166 is available in the 6 Ld SOT-23 as well as the
industry-standard 8 Ld SOIC packages. Both operate over
the industrial temperature range of -40°C to +85°C.
Features
• Gain-of-1 bandwidth = 1.4GHz/gain-of-2
bandwidth = 800MHz
• 6000V/µs slew rate
• Single and dual supply operation from 5V to 12V
• Low noise = 1.5nV/
√Hz
• 8.5mA supply current
• Fast enable/disable (EL5166 only)
• 600MHz family - (EL5164 and EL5165)
• 400MHz family - (EL5162 and EL5163)
• 200MHz family - (EL5160 and EL5161)
• Pb-free plus anneal available (RoHS compliant)
Applications
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
Pinouts
1
2
3
5
4
1
2
3
6
4
5
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
EL5167
(5 LD SOT-23, SC-70)
TOP VIEW
-
+
OUT
VS-
IN+
VS+
IN-
-
+
OUT
VS-
IN+
VS+
IN-
CE
EL5166
(8 LD SOIC)
TOP VIEW
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
EL5166
(6 LD SOT-23)
TOP VIEW
Data Sheet
May 15, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2003-2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5167ICZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5167ICZ-T7A INTERSIL-EL5167ICZ-T7A Datasheet
1Mb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
EL5167ICZ-T7A INTERSIL-EL5167ICZ-T7A Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5167ICZ-T7A RENESAS-EL5167ICZ-T7A Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
More results

Similar Description - EL5167ICZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
EL5166 INTERSIL-EL5166_05 Datasheet
1Mb / 15P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_05 Datasheet
413Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com