Electronic Components Datasheet Search |
|
EL5370IU-T13 Datasheet(PDF) 9 Page - Intersil Corporation |
|
EL5370IU-T13 Datasheet(HTML) 9 Page - Intersil Corporation |
9 / 15 page 9 FN7309.7 May 7, 2007 Simplified Schematic Description of Operation and Application Information Product Description The EL5170 and EL5370 are wide bandwidth, low power and single/differential ended to differential output amplifiers. They have a fixed gain of 2. The EL5170 is a single channel differential amplifier. The EL5370 is a triple channel differential amplifier. The EL5170 and EL5370 have a -3dB bandwidth of 100MHz while driving a 200 Ω differential load. The EL5170 and EL5370 are available with a power down feature to reduce the power while the amplifiers are disabled. Input, Output and Supply Voltage Range The EL5170 and EL5370 have been designed to operate with a single supply voltage of 5V to 10V or a split supplies with its total voltage from 5V to 10V. The amplifiers have an input common mode voltage range from -4.5V to 3.4V for ±5V supply. The differential mode input range (DMIR) between the two inputs is from -2.3V to +2.3V. The input voltage range at the REF pin is from -3.3V to 3.8V. If the input common mode or differential mode signal is outside the above-specified ranges, it will cause the output signal distorted. The output of the EL5170 and EL5370 can swing from -3.3V to 3.6V at 200 Ω differential load at ±5V supply. As the load resistance becomes lower, the output swing is reduced. FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE Typical Performance Curves (Continued) 1.136W θ JA=88°C/W QSOP24 1.4 1.2 1 0.8 0.6 0.2 0 0 255075 100 150 AMBIENT TEMPERATURE (°C) 125 85 JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD 0.4 909mW θJA=110°C/W SO8 870mW θJA=115°C/W MSOP8/10 REF R10 R9 RCD RCD OUT+ OUT- CC R6 R5 CC R4 R3 R7 R8 R2 R1 VB1 FBN FBP IN- IN+ VB2 VS+ VS- 200 Ω 200 Ω 400 Ω EL5170, EL5370 |
Similar Part No. - EL5370IU-T13 |
|
Similar Description - EL5370IU-T13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |