Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5372IUZ-T13 Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5372IUZ-T13
Description  250MHz Differential Line Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5372IUZ-T13 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5372IUZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5372IUZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5372IUZ-T13 Datasheet HTML 9Page - Intersil Corporation EL5372IUZ-T13 Datasheet HTML 10Page - Intersil Corporation EL5372IUZ-T13 Datasheet HTML 11Page - Intersil Corporation EL5372IUZ-T13 Datasheet HTML 12Page - Intersil Corporation EL5372IUZ-T13 Datasheet HTML 13Page - Intersil Corporation EL5372IUZ-T13 Datasheet HTML 14Page - Intersil Corporation EL5372IUZ-T13 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN7311.8
January 25, 2008
Description of Operation and Application
Information
Product Description
The EL5172 and EL5372 are wide bandwidth, low power
and single/differential ended to single ended output
amplifiers. The EL5172 is a single channel differential to
single ended amplifier. The EL5372 is a triple channel
differential to single ended amplifier. The EL5172 and
EL5372 are internally compensated for closed loop gain of
+1 or greater. Connected in gain of 1 and driving a 500
Ω
load, the EL5172 and EL5372 have a -3dB bandwidth of
250MHz. Driving a 150
Ω load at gain of 2, the bandwidth is
about 50MHz. The bandwidth at the REF input is about
450MHz. The EL5172 and EL5372 are available with a
power-down feature to reduce the power while the amplifier
is disabled.
Input, Output and Supply Voltage Range
The EL5172 and EL5372 have been designed to operate
with a single supply voltage of 5V to 10V or a split supplies
with its total voltage from 5V to 10V. The amplifiers have an
input common mode voltage range from -4.3V to 3.3V for
±5V supply. The differential mode input range (DMIR)
between the two inputs is about from -2.3V to +2.3V. The
input voltage range at the REF pin is from -3.6V to 3.3V. If
the input common mode or differential mode signal is outside
the above-specified ranges, it will cause the output signal to
be distorted.
The output of the EL5172 and EL5372 can swing from -3.8V
to 3.6V at 500
Ω load at ±5V supply. As the load resistance
becomes lower, the output swing is reduced respectively.
Over All Gain Settings
The gain setting for the EL5172 and the EL5372 is similar to
the conventional operational amplifier. The output voltage is
equal to the difference of the inputs plus VREF and then
times the gain.
FIGURE 23.
Choice of Feedback Resistor and Gain Bandwidth
Product
For applications that require a gain of +1, no feedback
resistor is required. Just short the OUT pin to the FB pin. For
gains greater than +1, the feedback resistor forms a pole
with the parasitic capacitance at the inverting input. As this
pole becomes smaller, the amplifier's phase margin is
reduced. This causes ringing in the time domain and
peaking in the frequency domain. Therefore, RF has some
maximum value that should not be exceeded for optimum
performance. If a large value of RF must be used, a small
capacitor in the few Pico farad range in parallel with RF can
help to reduce the ringing and peaking at the expense of
reducing the bandwidth.
The bandwidth of the EL5172 and EL5372 depends on the
load and the feedback network. RF and RG appear in
parallel with the load for gains other than +1. As this
combination gets smaller, the bandwidth falls off.
Consequently, RF also has a minimum value that should not
be exceeded for optimum bandwidth performance. For a
gain of +1, RF = 0 is optimum. For the gains other than +1,
optimum response is obtained with RF between 500Ω to
1k
Ω. For AV = 2 and RF = RG = 1kΩ, the BW is about 80MHz
and the frequency response is very flat.
The EL5172 and EL5372 have a gain bandwidth product of
100MHz. For gains
≥5, its bandwidth can be predicted by
Equation 1:
Driving Capacitive Loads and Cables
The EL5172 and EL5372 can drive 56pF capacitance in
parallel with 500
Ω load to ground with 4dB of peaking at gain
of +1. If less peaking is desired in applications, a small
series resistor (usually between 5
Ω to 50Ω) can be placed in
series with each output to eliminate most peaking. However,
this will reduce the gain slightly. If the gain setting is greater
than 1, the gain resistor RG can then be chosen to make up
for any gain loss which may be created by the additional
series resistor at the output.
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, a back-termination series resistor at the
amplifier's output will isolate the amplifier from the cable and
allow extensive capacitive drive. However, other applications
may have high capacitive loads without a back-termination
resistor. Again, a small series resistor at the output can help
to reduce peaking.
Disable/Power-Down
The EL5172 and EL5372 can be disabled and its outputs
placed in a high impedance state. The turn-off time is about
1.4µs and the turn-on time is about 150ns. When disabled,
the amplifier's supply current is reduced to 80µA for IS+ and
V
O
V
(
IN +VIN -VREF
+
)
1
R
F
R
G
--------
+
⎝⎠
⎜⎟
⎛⎞
×
=
-
+
-
+
Σ
G/B
VO
EN
VIN+
VIN-
VREF
FB
RG
RF
Gain
BW
100MHz
=
×
(EQ. 1)
EL5172, EL5372


Similar Part No. - EL5372IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5372IUZ-T13 INTERSIL-EL5372IUZ-T13 Datasheet
419Kb / 15P
   250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5372IUZ-T13 RENESAS-EL5372IUZ-T13 Datasheet
751Kb / 16P
   250MHz Differential Line Receivers
More results

Similar Description - EL5372IUZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5172 INTERSIL-EL5172 Datasheet
419Kb / 15P
   250MHz Differential Line Receivers
logo
Renesas Technology Corp
EL5172 RENESAS-EL5172 Datasheet
751Kb / 16P
   250MHz Differential Line Receivers
logo
National Semiconductor ...
DS26LS32C NSC-DS26LS32C Datasheet
140Kb / 6P
   Quad Differential Line Receivers
logo
Texas Instruments
SN75182DR TI-SN75182DR Datasheet
920Kb / 24P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
logo
Intersil Corporation
EL5175 INTERSIL-EL5175_07 Datasheet
337Kb / 16P
   550MHz Differential Line Receivers
logo
National Semiconductor ...
DS3650 NSC-DS3650 Datasheet
197Kb / 10P
   Quad Differential Line Receivers
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55182 TI-SN55182 Datasheet
190Kb / 13P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com