Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS36C200IMT Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS36C200IMT
Description  Dual High Speed Bi-Directional Differential Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS36C200IMT Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS36C200IMT Datasheet HTML 1Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 2Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 3Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 4Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 5Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 6Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 7Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 8Page - National Semiconductor (TI) DS36C200IMT Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS36C200I
Dual High Speed Bi-Directional Differential Transceiver
General Description
The DS36C200I is a dual transceiver device optimized for
high data rate and low power applications. This device pro-
vides a single chip solution for a dual high speed bi-
directional interface. Also, both control pins may be routed
together for single bit control of datastreams. Both control
pins are adjacent to each other for ease of routing them
together. The DS36C200I is compatible with IEEE 1394
physical layer and may be used as an economical solution
with some considerations. Please reference the application
information on 1394 for more information. The device is in a
14-lead small outline package. The differential driver outputs
provides low EMI with its low output swings typically 210 mV.
The receiver offers ±100 mV threshold sensitivity, in addition
to common-mode noise protection.
Features
n
Industrial Temperature Range
-40˚C to +85˚C
n
Optimized for DSS to DVHS interface link
n
Compatible IEEE 1394 signaling voltage levels
n
Operates above 100 Mbps
n
Bi-directional transceivers
n
14-lead SOIC and TSSOP packages
n
Ultra low power dissipation
n ±
100 mV receiver sensitivity
n
Low differential output swing typical 210 mV
n
High impedance during power off
Connection Diagrams
20077615
Note: * denotes active LOW pin
Order Number DS36C200IMA
See NS Package Number M14A
20077616
Note: * denotes active LOW pin
Order Number DS36C200IMT
See NS Package Number MTC14
February 2005
© 2005 National Semiconductor Corporation
DS200776
www.national.com


Similar Part No. - DS36C200IMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200 NSC-DS36C200 Datasheet
581Kb / 9P
   Dual High Speed Bi-Directional Differential Transceiver
logo
Texas Instruments
DS36C200 TI1-DS36C200 Datasheet
897Kb / 16P
[Old version datasheet]   DS36C200 Dual High Speed Bi-Directional Differential Transceiver
logo
National Semiconductor ...
DS36C200M NSC-DS36C200M Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200M NSC-DS36C200M Datasheet
581Kb / 9P
   Dual High Speed Bi-Directional Differential Transceiver
More results

Similar Description - DS36C200IMT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS36C200 NSC-DS36C200 Datasheet
158Kb / 10P
   Dual High Speed Bi-Directional Differential Transceiver
DS36C200 NSC-DS36C200_05 Datasheet
581Kb / 9P
   Dual High Speed Bi-Directional Differential Transceiver
logo
Texas Instruments
DS36C200 TI1-DS36C200_13 Datasheet
897Kb / 16P
[Old version datasheet]   DS36C200 Dual High Speed Bi-Directional Differential Transceiver
logo
Agilent(Hewlett-Packard...
HCPL-0560 HP-HCPL-0560 Datasheet
247Kb / 16P
   Dual Channel Bi-directional High Speed Optoisolators
logo
Source Photonics, Inc.
SPL-54-GB-BZ-CNA SOURCE-SPL-54-GB-BZ-CNA Datasheet
499Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BD-CDA SOURCE-SPL-43-GB-BD-CDA Datasheet
510Kb / 7P
   SFP Bi-Directional Transceiver
SPL-43-GB-BX-CNA SOURCE-SPL-43-GB-BX-CNA Datasheet
625Kb / 9P
   SFP Bi-Directional Transceiver
SPL-53-GB-BD-CNA SOURCE-SPL-53-GB-BD-CNA Datasheet
523Kb / 7P
   SFP Bi-Directional Transceiver
logo
List of Unclassifed Man...
GTR-221X ETC2-GTR-221X Datasheet
437Kb / 8P
   Bi-Directional 1X9 Transceiver
logo
Source Photonics, Inc.
SPS-35-FE-BX-CDC SOURCE-SPS-35-FE-BX-CDC Datasheet
527Kb / 7P
   SFP Bi-directional Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com