Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5133IW-T7 Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL5133IW-T7
Description  670MHz Low Noise Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5133IW-T7 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL5133IW-T7 Datasheet HTML 4Page - Intersil Corporation EL5133IW-T7 Datasheet HTML 5Page - Intersil Corporation EL5133IW-T7 Datasheet HTML 6Page - Intersil Corporation EL5133IW-T7 Datasheet HTML 7Page - Intersil Corporation EL5133IW-T7 Datasheet HTML 8Page - Intersil Corporation EL5133IW-T7 Datasheet HTML 9Page - Intersil Corporation EL5133IW-T7 Datasheet HTML 10Page - Intersil Corporation EL5133IW-T7 Datasheet HTML 11Page - Intersil Corporation EL5133IW-T7 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN7382.8
May 4, 2007
FIGURE 25. ENABLE TIME
FIGURE 26. DISABLE TIME
FIGURE 27. EQUIVALENT INPUT VOLTAGE NOISE vs
FREQUENCY
FIGURE 28. EQUIVALENT INPUT CURRENT NOISE vs
FREQUENCY
FIGURE 29. SMALL SIGNAL STEP RESPONSE_RISE AND
FALL TIME
FIGURE 30. LARGE SIGNAL STEP RESPONSE_RISE AND
FALL TIME
Typical Performance Curves (Continued)
-3
-2
-1
0
1
2
3
4
5
6
-400 -200
0
200
400
600
800
1000 1200
TIME (ns)
OUTPUT SIGNAL
ENABLE SIGNAL
VS = ±5V
RL = 500Ω
VOUT = 2VP-P
-2
-1
0
1
2
3
4
5
6
-1000 -800 -600 -400 -200
0
200
400
600
TIME (ns)
OUTPUT SIGNAL
DISABLE SIGNAL
VS = ±5V
RL = 500Ω
VOUT = 2VP-P
0.0
0.1
1.0
10.0
100.0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±5V
0.1
1.0
10.0
100.0
1000.0
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±5V
-0.4
-0.2
0.0
0.2
0.4
-40 -20 0
20
40
60
80 100 120 140 160 180
TIME (ns)
TRISE = 2.12ns
TFALL= 2.02ns
VS = ±5V
AV = +10
RG = 25Ω
RL = 500Ω
CL = +1pF
VOUT = 500mV
-2.0
-1.0
0.0
1.0
2.0
-40 -20 0
20
40
60
80 100 120 140 160 180
TIME (ns)
TRISE = 2.02ns
TFALL = 2.05ns
VS = ±5V
AV = +10
RG = 25Ω
RL = 500Ω
CL = 1pF
VOUT = 2.0V
EL5132, EL5133


Similar Part No. - EL5133IW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5133IW-T7 INTERSIL-EL5133IW-T7 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
EL5133IW-T7 INTERSIL-EL5133IW-T7 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5133IW-T7 RENESAS-EL5133IW-T7 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Intersil Corporation
EL5133IW-T7A INTERSIL-EL5133IW-T7A Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
EL5133IW-T7A INTERSIL-EL5133IW-T7A Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
More results

Similar Description - EL5133IW-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0623601QPC INTERSIL-5962-0623601QPC Datasheet
100Kb / 3P
   670MHz Low Noise Amplifiers
EL5132 INTERSIL-EL5132 Datasheet
6Mb / 9P
   670MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5132 RENESAS-EL5132 Datasheet
3Mb / 13P
   670MHz Low Noise Amplifiers
logo
Intersil Corporation
EL5132 INTERSIL-EL5132_07 Datasheet
6Mb / 13P
   670MHz Low Noise Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
EL5131 INTERSIL-EL5131 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
logo
Fairchild Semiconductor
AN-6601 FAIRCHILD-AN-6601 Datasheet
654Kb / 4P
   Low Noise JFET Amplifiers
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com