Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5130ISZ-T13 Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5130ISZ-T13
Description  300MHz Low Noise Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5130ISZ-T13 Datasheet(HTML) 2 Page - Intersil Corporation

  EL5130ISZ-T13 Datasheet HTML 1Page - Intersil Corporation EL5130ISZ-T13 Datasheet HTML 2Page - Intersil Corporation EL5130ISZ-T13 Datasheet HTML 3Page - Intersil Corporation EL5130ISZ-T13 Datasheet HTML 4Page - Intersil Corporation EL5130ISZ-T13 Datasheet HTML 5Page - Intersil Corporation EL5130ISZ-T13 Datasheet HTML 6Page - Intersil Corporation EL5130ISZ-T13 Datasheet HTML 7Page - Intersil Corporation EL5130ISZ-T13 Datasheet HTML 8Page - Intersil Corporation EL5130ISZ-T13 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN7381.4
May 4, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Slewrate between VS+ and VS-. . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Supply Voltage from VS+ to VS- . . . . . . . . . . . . . . . . . . . . . . . 13.2V
IIN-, IIN+, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5mA
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +125°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RL = 500Ω, RG = 50Ω, CL = 5pF, TA = +25°C, Unless Otherwise Specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Offset Voltage
-0.9
0.2
0.9
mV
TCVOS
Offset Voltage Temperature Coefficient
Measured from TMIN to TMAX
0.8
µV/°C
IB
Input Bias Current
VIN = 0V
1.5
2.27
3.3
µA
IOS
Input Offset Current
VIN = 0V
-500
100
500
nA
TCIOS
Input Bias Current Temperature
Coefficient
Measured from TMIN to TMAX
-3
nA/°C
PSRR
Power Supply Rejection Ratio
VS = ±4.75V to ±5.25V
75
90
dB
CMRR
Common Mode Rejection Ratio
VIN = ±3.0V
95
110
dB
CMIR
Common Mode Input Range
Guaranteed by CMRR test
±3
±3.3
V
RIN
Input Resistance
Common mode
5
20
M
Ω
CIN
Input Capacitance
1pF
IS
Supply Current
3.0
3.54
4.1
mA
AVOL
Open Loop Gain
VOUT = ±2.5V, RL = 1kΩ to GND
10
16
kV/V
VO
Output Voltage Swing
RL = 1kΩ, RF = 900Ω, RG = 100Ω
±3.5
±3.8
V
RL = 150Ω
±3.5
±3.3
V
ISC
Short Circuit Current
RL = 10Ω
50
100
mA
BW
-3dB Bandwidth
AV = +5, RL = 500Ω
300
MHz
BW
±0.1dB Bandwidth
AV = +5, RL = 500Ω
60
MHz
GBWP
Gain Bandwidth Product
1500
MHz
PM
Phase Margin
RL = 1kΩ, CL = 6pF
55
°
SR
Slew Rate
VS = ±5V, RL = 150Ω, VOUT = ±2.5V
225
350
V/µs
tR, tF
Rise Time, Fall Time
±0.1VSTEP
TBD
ns
tPD
Propagation Delay
±0.1VSTEP
TBD
ns
tS
0.01% Settling Time
14
ns
dG
Differential Gain
AV = +2, RF = 1kΩ
0.01
%
dP
Differential Phase
AV = +2, RF = 1kΩ
0.01
°
eN
Input Noise Voltage
f = 10kHz
1.8
nV/
√Hz
iN
Input Noise Current
f = 10kHz
1.1
pA/
√Hz
EL5130, EL5131


Similar Part No. - EL5130ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5130ISZ-T13 INTERSIL-EL5130ISZ-T13 Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130ISZ-T13 RENESAS-EL5130ISZ-T13 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
More results

Similar Description - EL5130ISZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_06 Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
logo
Intersil Corporation
EL5153 INTERSIL-EL5153 Datasheet
357Kb / 14P
   300MHz Amplifiers
logo
Zarlink Semiconductor I...
SL560 ZARLINK-SL560 Datasheet
105Kb / 8P
   300MHz LOW NOISE AMPLIFIER
logo
Linear Technology
LT6402-6 LINER-LT6402-6_15 Datasheet
238Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-12 LINER-LT6402-12_15 Datasheet
240Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-20 LINER-LT6402-20_15 Datasheet
335Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
logo
Mitel Networks Corporat...
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
   Very Low Phase Noise 300MHz 첨10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com