Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5131IWZ-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5131IWZ-T7
Description  300MHz Low Noise Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5131IWZ-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5131IWZ-T7 Datasheet HTML 4Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 5Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 6Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 7Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 8Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 9Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 10Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 11Page - Intersil Corporation EL5131IWZ-T7 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN7381.4
May 4, 2007
FIGURE 37. THIRD-ORDER INTERCEPT POINT
FIGURE 38. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 39. DIFFERENTIAL GAIN ERRORS
FIGURE 40. DIFFERENTIAL PHASE ERRORS
FIGURE 41. IP3
Typical Performance Curves
0.1
1
100
1k
20
-20
FREQUENCY (MHz)
VS=±5V
AV=+5
RG=50Ω
RL=500Ω
CL=5pF
10
0
10
-10
2.5
3
4
5
6
3.6
3.5
3.4
3.3
3.2
SUPPLY VOLTAGE (V)
RG=50Ω
RL=500Ω
CL=5pF
AV=+5
AV=+10
3.5
4.5
5.5
-10
0
40
100
0.03
0.01
-0.01
-0.03
IRE
60
80
10
20
50
70
90
30
-10
0
40
100
0.03
0.01
-0.01
-0.03
IRE
60
80
10
20
50
70
90
30
400
440
560
600
-20
-140
FREQUENCY (kHz)
VS=±5V
AV=+5
RG=50Ω
RL=500Ω
CL=5pF
520
-80
-50
-110
480
2f1-f2
f1
f1
2f2-f1
EL5130, EL5131


Similar Part No. - EL5131IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5131IWZ-T7 INTERSIL-EL5131IWZ-T7 Datasheet
250Kb / 7P
   500MHz Low Noise Amplifiers
EL5131IWZ-T7 INTERSIL-EL5131IWZ-T7 Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5131IWZ-T7 RENESAS-EL5131IWZ-T7 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Intersil Corporation
EL5131IWZ-T7A INTERSIL-EL5131IWZ-T7A Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5131IWZ-T7A RENESAS-EL5131IWZ-T7A Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
More results

Similar Description - EL5131IWZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_06 Datasheet
342Kb / 12P
   300MHz Low Noise Amplifiers
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
   300MHz Low Noise Amplifiers
logo
Maxim Integrated Produc...
MAX2640 MAXIM-MAX2640_07 Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
MAX2640AUT MAXIM-MAX2640AUT Datasheet
159Kb / 9P
   300MHz to 2500MHz SiGe Ultra-Low-Noise Amplifiers
Rev 3; 4/07
logo
Intersil Corporation
EL5153 INTERSIL-EL5153 Datasheet
357Kb / 14P
   300MHz Amplifiers
logo
Zarlink Semiconductor I...
SL560 ZARLINK-SL560 Datasheet
105Kb / 8P
   300MHz LOW NOISE AMPLIFIER
logo
Linear Technology
LT6402-6 LINER-LT6402-6_15 Datasheet
238Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-12 LINER-LT6402-12_15 Datasheet
240Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-20 LINER-LT6402-20_15 Datasheet
335Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
logo
Mitel Networks Corporat...
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
   Very Low Phase Noise 300MHz 첨10/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com