Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5163ICZ-T7A Datasheet(PDF) 5 Page - Intersil Corporation

Part # EL5163ICZ-T7A
Description  500MHz Low Power Current Feedback Amplifiers with Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5163ICZ-T7A Datasheet(HTML) 5 Page - Intersil Corporation

  EL5163ICZ-T7A Datasheet HTML 1Page - Intersil Corporation EL5163ICZ-T7A Datasheet HTML 2Page - Intersil Corporation EL5163ICZ-T7A Datasheet HTML 3Page - Intersil Corporation EL5163ICZ-T7A Datasheet HTML 4Page - Intersil Corporation EL5163ICZ-T7A Datasheet HTML 5Page - Intersil Corporation EL5163ICZ-T7A Datasheet HTML 6Page - Intersil Corporation EL5163ICZ-T7A Datasheet HTML 7Page - Intersil Corporation EL5163ICZ-T7A Datasheet HTML 8Page - Intersil Corporation EL5163ICZ-T7A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN7388.10
January 4, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . 13.2V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
Slewrate of VS+ to VS-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/µs
Maximum Voltage between IN+ and IN-, disabled . . . . . . . . . . ±1.5V
Current into IN+, IN-, CE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±5mA
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RF = 400Ω for AV = 2, RL = 150Ω, TA = +25°C unless otherwise
specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth
AV = +1, RL = 500Ω, RF = 598Ω
500
MHz
AV = +2, RL = 150Ω, RF = 422Ω
233
MHz
BW1
0.1dB Bandwidth
30
MHz
SR
Slew Rate
VO = -2.5V to +2.5V, AV = +2, RL = 100Ω
(EL5262, EL5263, EL5362)
2000
2500
4000
V/µs
VO = -2.5V to +2.5V, AV = +2, RL = 100Ω
(EL5162, EL5163)
2800
4000
6000
V/µs
tS
0.1% Settling Time
VOUT = -2.5V to +2.5V, AV = +1
25
ns
eN
Input Voltage Noise
3nV/
√Hz
iN-
IN- Input Current Noise
10
pA/
√Hz
iN+
IN+ Input Current Noise
6.5
pA/
√Hz
dG
Differential Gain Error (Note 1)
AV = +2
0.05
%
dP
Differential Phase Error (Note 1)
AV = +2
0.15
°
DC PERFORMANCE
VOS
Offset Voltage
-5
1.5
+5
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
6µV/°C
ROL
Transimpedance
500
1000
k
Ω
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
Guaranteed by CMRR test
±3
±3.3
V
CMRR
Common Mode Rejection Ratio
VIN = ±3V
506275
dB
-ICMR
- Input Current Common Mode Rejection
-1
0.22
+1
µA/V
+IIN
+ Input Current
-8
0.5
+8
µA
-IIN
- Input Current
-10
2
+10
µA
RIN
Input Resistance
0.8
1.6
3
M
Ω
CIN
Input Capacitance
1pF
OUTPUT CHARACTERISTICS
VO
Output Voltage Swing
RL = 150Ω to GND
±3.35
±3.6
±3.75
V
RL = 1kΩ to GND
±3.75
±3.9
±4.15
V
IOUT
Output Current
RL = 10Ω to GND
60
100
mA
EL5162, EL5163, EL5262, EL5263, EL5362


Similar Part No. - EL5163ICZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5163ICZ-T7A INTERSIL-EL5163ICZ-T7A Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5163ICZ-T7A INTERSIL-EL5163ICZ-T7A Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5163ICZ-T7A INTERSIL-EL5163ICZ-T7A Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5163ICZ-T7A RENESAS-EL5163ICZ-T7A Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results

Similar Description - EL5163ICZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162ISZ INTERSIL-EL5162ISZ Datasheet
574Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
August 26, 2015
logo
Renesas Technology Corp
EL5162 RENESAS-EL5162 Datasheet
929Kb / 18P
   500MHz Low Power Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164_07 Datasheet
447Kb / 16P
   600MHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5166 RENESAS-EL5166 Datasheet
972Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
5962-0625601QXC INTERSIL-5962-0625601QXC Datasheet
113Kb / 4P
   1.4GHz Current Feedback Amplifiers with Enable
logo
Renesas Technology Corp
EL5164 RENESAS-EL5164 Datasheet
950Kb / 17P
   600MHz Current Feedback Amplifiers with Enable
logo
Intersil Corporation
EL5166 INTERSIL-EL5166 Datasheet
654Kb / 16P
   1.4GHz Current Feedback Amplifiers with Enable
EL5164 INTERSIL-EL5164 Datasheet
411Kb / 12P
   600MHz Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com