Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5260IY Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5260IY
Description  200MHz Low-Power Current Feedback Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5260IY Datasheet(HTML) 1 Page - Intersil Corporation

  EL5260IY Datasheet HTML 1Page - Intersil Corporation EL5260IY Datasheet HTML 2Page - Intersil Corporation EL5260IY Datasheet HTML 3Page - Intersil Corporation EL5260IY Datasheet HTML 4Page - Intersil Corporation EL5260IY Datasheet HTML 5Page - Intersil Corporation EL5260IY Datasheet HTML 6Page - Intersil Corporation EL5260IY Datasheet HTML 7Page - Intersil Corporation EL5260IY Datasheet HTML 8Page - Intersil Corporation EL5260IY Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
FN7387.9
EL5160, EL5161, EL5260, EL5261, EL5360
200MHz Low-Power Current Feedback
Amplifiers
The EL5160, EL5161, EL5260, EL5261, and EL5360 are
current feedback amplifiers with a bandwidth of 200MHz and
operate from just 0.75mA supply current. This makes these
amplifiers ideal for today’s high speed video and monitor
applications.
With the ability to run from a single supply voltage from
5V to 10V, these amplifiers are ideal for handheld, portable,
or battery-powered equipment.
The EL5160 also incorporates an enable and disable
function to reduce the supply current to 14µA typical per
amplifier. Allowing the CE pin to float or applying a low logic
level will enable the amplifier.
The EL5160 is available in the 6 Ld SOT-23 and 8 Ld SOIC
packages, the EL5161 in 5 Ld SOT-23 and SC-70 packages,
the EL5260 in the 10 Ld MSOP package, the EL5261 in
8 Ld SOIC and MSOP packages, the EL5360 in 16 Ld SOIC
and QSOP packages. All operate over the industrial
temperature range of -40°C to +85°C.
Features
• 200MHz -3dB bandwidth
• 0.75mA supply current
• 1700V/µs slew rate
• Single and dual supply operation, from 5V to 10V supply
span
• Fast enable/disable (EL5160, EL5260 and EL5360 only)
• Available in SOT-23 packages
• Pb-Free plus anneal available (RoHS compliant)
Applications
• Battery-powered equipment
• Handheld, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current-to-voltage converters
Pinouts
EL5160
(8 LD SOIC)
TOP VIEW
EL5160
(6 LD SOT-23)
TOP VIEW
EL5161
(5 LD SOT-23, SC-70)
TOP VIEW
EL5260
(10 LD MSOP)
TOP VIEW
EL5261
(8 LD SOIC, MSOP)
TOP VIEW
EL5360
(16 LD SOIC, QSOP)
TOP VIEW
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
VS-
CE
VS+
OUT
NC
1
2
3
6
4
5
-
+
OUT
VS-
IN+
VS+
IN-
CE
1
2
3
5
4
-
+
OUT
VS-
IN+
VS+
IN-
1
2
3
4
10
9
8
7
5
6
OUT
IN-
IN+
VS-
VS+
OUT
IN-
IN+
CE
CE
-
+
7
-
+
1
2
3
4
8
7
6
5
-
+
-
+
OUTA
INA-
INA+
VS+
INB-
OUTB
VS-
INB+
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
-
+
-
+
-
+
INA+
CEA
VS-
CEB
INB+
NC
CEC
INC+
INA-
OUTA
VS+
OUTB
INB-
NC
OUTC
INC-
Data Sheet
May 7, 2007
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2004, 2005, 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - EL5260IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5260IY INTERSIL-EL5260IY Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5260IY-T13 INTERSIL-EL5260IY-T13 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5260IY-T7 INTERSIL-EL5260IY-T7 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
EL5260IYZ INTERSIL-EL5260IYZ Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5260IYZ RENESAS-EL5260IYZ Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
More results

Similar Description - EL5260IY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5160 INTERSIL-EL5160 Datasheet
941Kb / 15P
   200MHz Low-Power Current Feedback Amplifiers
logo
Renesas Technology Corp
EL5160 RENESAS-EL5160 Datasheet
1Mb / 17P
   200MHz Low-Power Current Feedback Amplifiers
logo
Elantec Semiconductor
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
   200MHz Current Feedback Amplifier
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
   200MHz Current Feedback Amplifier
Sep 20, 2002
logo
Intersil Corporation
EL400 INTERSIL-EL400 Datasheet
259Kb / 9P
   200MHz Current Feedback Amplifier
logo
Elantec Semiconductor
EL2070C ELANTEC-EL2070C Datasheet
467Kb / 14P
   200MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2070 INTERSIL-EL2070 Datasheet
329Kb / 11P
   200MHz Current Feedback Amplifier
EL5162 INTERSIL-EL5162_08 Datasheet
332Kb / 15P
   500MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162 Datasheet
253Kb / 9P
   300MHz Low Power Current Feedback Amplifiers with Enable
EL5162 INTERSIL-EL5162_07 Datasheet
328Kb / 14P
   500MHz Low Power Current Feedback Amplifiers with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com