Electronic Components Datasheet Search |
|
DS90C032B Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
DS90C032B Datasheet(HTML) 1 Page - National Semiconductor (TI) |
1 / 9 page DS90C032B LVDS Quad CMOS Differential Line Receiver General Description TheDS90C032B is a quad CMOS differential line receiver designed for applications requiring ultra low power dissipa- tion and high data rates. The device is designed to support data rates in excess of 155.5 Mbps (77.7 MHz) utilizing Low Voltage Differential Signaling (LVDS) technology. TheDS90C032B accepts low voltage (350 mV) differential input signals and translates them to CMOS (TTL compatible) output levels. The receiver supports a TRI-STATE® function that may be used to multiplex outputs. The receiver also supports OPEN Failsafe and terminated (100 Ω) input Fail- safe with the addition of external failsafe biasing. Receiver output will be HIGH for both Failsafe conditions. The DS90C032Bprovides power-off high impedance LVDS inputs. This feature assures minimal loading effect on the LVDS bus lines when V CC is not present. The DS90C032Band companion line driver (DS90C031B) provide a new alternative to high power pseudo-ECL devices for high speed point-to-point interface applications. Features n > 155.5 Mbps (77.7 MHz) switching rates n Accepts small swing (350 mV) differential signal levels n High Impedance LVDS inputs with power down n Ultra low power dissipation n 600 ps maximum differential skew (5V, 25˚C) n 6.0 ns maximum propagation delay n Industrial operating temperature range n Available in surface mount packaging (SOIC) n Pin compatible with DS26C32A, MB570 (PECL) and 41LF (PECL) n Supports OPEN and terminated input failsafe n Conforms to ANSI/TIA/EIA-644 LVDS standard Connection Diagram Dual-In-Line 10099001 Order Number DS90C032BTM See NS Package Number M16A Functional Diagram 10099002 Receiver Truth Table ENABLES INPUTS OUTPUT EN EN* R IN+ −RIN− R OUT LH X Z All other combinations of ENABLE inputs V ID ≥ 0.1V H V ID ≤ −0.1V L Failsafe OPEN H or Terminated TRI-STATE® is a registered trademark of National Semiconductor Corporation. September 2003 © 2003 National Semiconductor Corporation DS100990 www.national.com |
Similar Part No. - DS90C032B_03 |
|
Similar Description - DS90C032B_03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |